Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

641200 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 641200
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

641200 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 641200 Datasheet HTML 3Page - Tyco Electronics 641200 Datasheet HTML 4Page - Tyco Electronics 641200 Datasheet HTML 5Page - Tyco Electronics 641200 Datasheet HTML 6Page - Tyco Electronics 641200 Datasheet HTML 7Page - Tyco Electronics 641200 Datasheet HTML 8Page - Tyco Electronics 641200 Datasheet HTML 9Page - Tyco Electronics 641200 Datasheet HTML 10Page - Tyco Electronics 641200 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
7
Connector Kits — Discrete Wire
Feed-Thru and Closed End
Connectors
Material and Finish
Housing — UL 94V-2 rated, thermo-
plastic
Contacts — Phosphor bronze;
.000100 [0.00254] min. tin in wire
termination area, over .000050 [0.00127]
min. nickel; choice on mating end:
.000100 [0.00254] min. tin or
.000030 [0.00076] gold or
.000015 [0.00038] gold, over
.000050 [0.00127] min. nickel
Color Coding by Wire Size for
UL94V-0 Connectors
26 AWG — Blue
28 AWG — Green
30 AWG — Brown
For Strain Relief Covers see
page 8.
For mating Headers see
pages 9 and 10.
For Mateability Guide, see
matrixes on page 4.
A ±
.004
[
± 0.10]
(See Note 1)
.050
[1.27]
.035
[0.89]
.100
± .003
[2.54
± 0.08]
.190
± .003
[4.83
± 0.08]
Ref.
Ref.
Position 1
.150
[3.81]
.315
± .006
[8.00
± 0.15]
Base Part Numbers
Connector
Feed-Thru
Closed End
Type &
Connector Kit
No. of
Connector Kit
No. of
Wire Size
Part Nos.
Circuits
Part Nos.
Circuits
Tin Plated
26 AWG
1445341
2–28
1445350
2–28
0.12–0.15 mm2
28 AWG
1445344
2–28
1445353
2–28
0.08–0.09 mm2
30 AWG
1445347
2–28
1445356
2–28
0.05–0.06 mm2
.000030 [0.00076] Gold Plated
26 AWG
1445343
2–28
1445352
2–28
0.12–0.15 mm2
28 AWG
1445346
2–28
1445355
2–28
0.08–0.09 mm2
30 AWG
1445349
2–28
1445358
2–28
0.05–0.06 mm2
.000015 [0.00038] Gold Plated
26 AWG
1445342
2–28
1445351
2–28
0.12–0.15 mm2
28 AWG
1445345
2–28
1445354
2–28
0.08–0.09 mm2
30 AWG
1445348
2–28
1445357
2–28
0.05–0.06 mm2
Notes:
1. To determine connector overall
length (dim. A), multiply .050 x the
number of circuits and add .082.
Example: .050 x 10 circuits
equals 0.50 + .082 = .582 [14.78].
2. Strain relief covers shown on
page 8 are required and sold as
part of the Connector Kit.
3. Stranded UL Style 1061 or equiv-
alent wire is recommended.
4. Unless otherwise stated all toler-
ances (except plating) to be ±.005
[±0.13].
5. Consult Product Drawing for
RoHS Compliant information.
Connector Kit Ordering
Information
Connector Kit consists of
Receptacle Assembly and
Strain Relief Cover.
Base part number prefixes
and suffixes indicate the
number of circuit positions,
for example: Base part num-
ber 1445341
2 position = 0-1445341-2
and
28 position = 2-1445341-8
Note: Tin-plated connectors and
headers in even position sizes from
2–12 and 18 are stocked parts; all
other position sizes and products
with gold-plated contacts are
Make To Order.
Receptacle Assemblies — Discrete Wire
MTA-50 IDC Connectors and Headers (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341


Similar Part No. - 641200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
641200 MACOM-641200 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 641200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
3-644043-4 MACOM-3-644043-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-644466-2 MACOM-3-644466-2 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-643818-4 MACOM-3-643818-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-641215-2 MACOM-3-641215-2 Datasheet
267Kb / 3P
   MTA, CST-100 II, MT-6 and SL Connectors and Headers
640255-1 MACOM-640255-1 Datasheet
577Kb / 1P
   MTA, CST and SL Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com