Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

641201 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 641201
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

641201 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 641201 Datasheet HTML 6Page - Tyco Electronics 641201 Datasheet HTML 7Page - Tyco Electronics 641201 Datasheet HTML 8Page - Tyco Electronics 641201 Datasheet HTML 9Page - Tyco Electronics 641201 Datasheet HTML 10Page - Tyco Electronics 641201 Datasheet HTML 11Page - Tyco Electronics 641201 Datasheet HTML 12Page - Tyco Electronics 641201 Datasheet HTML 13Page - Tyco Electronics 641201 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
10
Right-Angle
Vertical
Material and Finish
Housing — UL 94V-0 rated, thermo-
plastic, black
Contacts — Brass, .000100 [0.00254]
min. tin over .000050 [0.00127] min.
nickel on solder pads; choice on mating
end:
.000100 [0.00254] min. tin or
.000030 [0.00076] gold or
.000015 [0.00038] gold, over
.000050 [0.00127] min. nickel
Boardlock — Phosphor bronze, tin
plated .000100 [0.000254] min. over
.000050 [0.00127] min. nickel
.035
[0.89]
Ref.
Circuit #1
A
.170
[4.32]
.249
[6.32]
.220
± .003
[5.59
± 0.08]
Ref.
For mating Connector Kits
see pages 5 through 8.
For mateability options, see
matrixes on page 4.
Note: To determine header overall
length (dim. A), multiply .050
x the number of circuits and
add .150. Example: .050 x 6
circuits equals .300 + .150 =
.450 [11.43].
.162
[4.11]
.128
[3.25]
.100
[2.54]
* 6-circuit Dim. shown, refer to Product Drawing for actual
PCB Dimensions and RoHS Compliant information.
.050
[1.27]
Circuit #1
Typ.
.028
± .001
[0.71
± 0.03]
.075
± .001
[1.91
± 0.03]
.070
± .003
[1.78
± 0.08]
2 Plcs.
.145
± .003
[3.68
± 0.08]
2 Plcs.
.574*
[14.58]
Recommended PC Board Layout
for use with .010 [0.25] Thick Stencil
Typ.
Base Part Numbers
Surface Mount
Header
No. of
Part Nos.
Posts
Standard UL 94V-0, Tin Plated
1445172
2–28
Standard UL 94V-0
.000030 [0.00076] Gold Plated
1445174
2–28
Standard UL 94V-0
.000015 [0.00038] Gold Plated
1445173
2–28
Base Part Numbers
Surface Mount
Header
No. of
Part Nos.
Posts
Standard UL 94V-0, Tin Plated
1445121
2–28
Standard UL 94V-0
.000030 [0.00076] Gold Plated
1445126
2–28
Standard UL 94V-0
.000015 [0.00038] Gold Plated
1445124
2–28
Note: All SMT product is pre-
packaged in standard tape and
reel format.
.162
[4.11]
.574*
[14.58]
.100
[2.54]
.100
[2.54]
* 6-circuit Dim. shown, refer to Product Drawing for actual
PCB Dimensions and RoHS Compliant information.
.050
[1.27]
Circuit #1
Typ.
.100
[2.54]
Typ.
Typ.
Typ.
.028
± .001
[0.71
± 0.03]
.065
± .001
[1.65
± 0.03]
.070
± .003
[1.78
± 0.08] 2 Plcs.
.145
± .003
[3.68
± 0.08]
2 Plcs.
Recommended PC Board Layout
for use with .010 [0.25] Thick Stencil
Header Ordering Information
Base part number prefixes
and suffixes indicate the
number of circuit positions,
for example: Base part num-
ber 1445121
2 position = 0-1445121-2
and
28 position = 2-1445121-8
A
.050
[1.27]
.035
[0.89]
Ref.
Ref.
Circuit #1
.180
[4.57]
.270
[6.86]
.220
± .003
[5.59
± 0.08]
Ref.
Note: Tin-plated connectors and
headers in even position sizes from
2–12 and 18 are stocked parts; all
other position sizes and products
with gold-plated contacts are
Make To Order.
Surface Mount Header
Assemblies
MTA-50 IDC Connectors and Headers (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341


Similar Part No. - 641201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
641201 MACOM-641201 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 641201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
3-644043-4 MACOM-3-644043-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-644466-2 MACOM-3-644466-2 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-643818-4 MACOM-3-643818-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-641215-2 MACOM-3-641215-2 Datasheet
267Kb / 3P
   MTA, CST-100 II, MT-6 and SL Connectors and Headers
640255-1 MACOM-640255-1 Datasheet
577Kb / 1P
   MTA, CST and SL Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com