Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

543424-8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 543424-8
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

543424-8 Datasheet(HTML) 4 Page - Tyco Electronics

  543424-8 Datasheet HTML 1Page - Tyco Electronics 543424-8 Datasheet HTML 2Page - Tyco Electronics 543424-8 Datasheet HTML 3Page - Tyco Electronics 543424-8 Datasheet HTML 4Page - Tyco Electronics 543424-8 Datasheet HTML 5Page - Tyco Electronics 543424-8 Datasheet HTML 6Page - Tyco Electronics 543424-8 Datasheet HTML 7Page - Tyco Electronics 543424-8 Datasheet HTML 8Page - Tyco Electronics 543424-8 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
93
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-20 Crimp Snap-In Contact Connectors (Continued)
Receptacle
Plug Part Numbers
Receptacle Part Nos.
Shell
No. of
Dimensions
Insert
Mounting
Tin Plated Shell
Size
Contact
ABC
Material
Method
Zinc
Without
With
Zinc
Tin
Positions
Plated
Grounding
Grounding
Plated
Plated
Shell
Indents
Indents
Shell
Shell
1.213
.984
.494
Standard
205204-9
205204-8
205204-4
205203-8
205203-3
19
30.81
24.99
12.55
94V-0
Clinch Nut
1658642-2
1658642-1
1658643-1
2
15
1.541
1.312
.494
94V-0
Standard
205206-9
205206-8
205206-3
205205-7
205205-2
39.14
33.33
12.55
*
Clinch Nut
——
5745908-2
1658644-1
2.088
1.852
.494
Standard
5205208-1
207464-7
207464-2
5205207-1
207463-1
3
25
53.04
47.04
12.55
94V-0
Clinch Nut
——
5745036-2
207516-6
207516-5
4
37
2.729
2.500
.494
94V-0
Standard
205210-8
205210-7
205210-3
205209-7
205209-2
69.32
63.50
12.55
Clinch Nut
——
745135-4
5207661-3
5
50
2.635
2.406
.605
94V-0
Standard
1658641-3
1658641-1
1658641-2
1658640-2
1658640-1
66.93
61.11
15.37
Clinch Nut
——
5745883-2
5745884-1
Note: Plugs accept size 20 DF pin contacts and receptacles accept size 20 DF socket contacts.
Clinch Nut
(Plug and Receptacle)
.100
[2.54]
Max.
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
.243
[6.17]
.430
[10.92]
.432
[7.90]
.120
[3.05]
Typ.
2 Holes
A
B
C
Dia.
Max.
Ref.
Mating Face


Similar Part No. - 543424-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
543424-8 MACOM-543424-8 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
More results

Similar Description - 543424-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com