Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSZ5254B Datasheet(PDF) 4 Page - Central Semiconductor Corp

Part # CMSZ5254B
Description  250 mW ZENER DIODE 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZ5254B Datasheet(HTML) 4 Page - Central Semiconductor Corp

  CMSZ5254B Datasheet HTML 1Page - Central Semiconductor Corp CMSZ5254B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
//htmlimg2.alldatasheet.net/htmldatasheet2/57711/CENTRAL/CMSZ5254B/1007/4/CMSZ5254B.png


Similar Part No. - CMSZ5254B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSZ5254B CENTRAL-CMSZ5254B Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMSZ5254B CENTRAL-CMSZ5254B Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMSZ5254B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
   350 mW ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
   1.0W ZENER DIODE 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com