Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

516-7X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 516-7X
Description  LED Replacement for SloanLED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

516-7X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  516-7X Datasheet HTML 1Page - List of Unclassifed Manufacturers 516-7X Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Brilliance by design
SloanLED
copyright 2006 SloanLED
7-9
TM
LED Replacements for
Incandescent Lamps
LED Specifications and Technical Data
Color
Choice
LED
Size
Raw
Chip
Material
Emitted
Color
Wave
Length
Viewing
Angle
(Deg.)
lv (mcd)
Typical
If (mA)
Typical
Vf (V)
Typical
1
3
4
7
6
2
5
T 1-3/4
T 1-3/4
T 1-3/4
T 1-3/4
T 1-3/4
T 1-3/4
T 1-3/4
GaAIAs
Gap
AllnGap
AllnGap
InGaN
InGaN
InGaN/
YAG
Red
Green
Yellow
Amber
Ultra
Green
Blue
Pure
White
660
565
595
611
575
470
22
20
22
22
30
30
45
3000-4000
750
2000-3000
2000-3000
2200
500
1200
20
20
25
25
25
25
25
3.5
2.1
1.8
2.1
2.1
3.5
3.5
Color
Choice
LED
Size
Raw
Chip
Material
Emitted
Color
Wave
Length
Viewing
Angle
(Deg.)
lv (mcd)
Typical
If (mA)
Typical
Vf (V)
Typical
1
3
4
7
6
2
5
T-1
T-1
T-1
T-1
T-1
T-1
T-1
GaAIAs
Gap
AllnGap
AllnGap
InGaN
InGaN
InGaN/
YAG
Red
Green
Yellow
Amber
Ultra
Green
Blue
Pure
White
660
568
595
611
575
470
30
20
30
30
30
30
45
1250
500
500
500
1700
650
630
20
20
25
25
25
25
25
3.5
1.8
1.8
2.1
2.1
3.5
3.5
Note: The specifications listed above are subject to change. For special LED requirements amd color please
contact SloanLED.
LED data for models 159, 197, 311
LED data for models 160, 162, 164, 460, 510, 516, 522, 532, 513, 541


Similar Part No. - 516-7X

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
516-020-000-100 EDAC-516-020-000-100 Datasheet
364Kb / 3P
   516 Series Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-100 EDAC-516-020-000-100 Datasheet
174Kb / 4P
   516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-101 EDAC-516-020-000-101 Datasheet
364Kb / 3P
   516 Series Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-101 EDAC-516-020-000-101 Datasheet
195Kb / 4P
   516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-102 EDAC-516-020-000-102 Datasheet
364Kb / 3P
   516 Series Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
More results

Similar Description - 516-7X

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
208-501-20-38 MARL-208-501-20-38 Datasheet
216Kb / 2P
   BULB REPLACEMENT LED
206-501-20-38 MARL-206-501-20-38_15 Datasheet
216Kb / 2P
   BULB REPLACEMENT LED
209-501-20-38 MARL-209-501-20-38_15 Datasheet
219Kb / 2P
   BULB REPLACEMENT LED
205-501-20-38 MARL-205-501-20-38_15 Datasheet
232Kb / 2P
   BULB REPLACEMENT LED
204-501-20-38 MARL-204-501-20-38 Datasheet
222Kb / 2P
   BULB REPLACEMENT LED
202-301-20-38 MARL-202-301-20-38_15 Datasheet
233Kb / 2P
   BULB REPLACEMENT LED
logo
LUMEX INC.
SSP-1156B156U12 LUMEX-SSP-1156B156U12 Datasheet
90Kb / 1P
   1156 LED REPLACEMENT LAMP
SSP-1156B15912 LUMEX-SSP-1156B15912 Datasheet
111Kb / 1P
   1156 LED REPLACEMENT LAMP, WHITE.
SSP-1156B153S12 LUMEX-SSP-1156B153S12 Datasheet
72Kb / 1P
   1156 LED REPLACEMENT LAMP, YELLOW.
SSP-1156B152UP12 LUMEX-SSP-1156B152UP12 Datasheet
71Kb / 1P
   1156 LED REPLACEMENT LAMP, GREEN.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com