Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2520 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA-2520
Description  Uncompensated, High Slew Rate Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2520 Datasheet(HTML) 4 Page - Intersil Corporation

  HA-2520 Datasheet HTML 1Page - Intersil Corporation HA-2520 Datasheet HTML 2Page - Intersil Corporation HA-2520 Datasheet HTML 3Page - Intersil Corporation HA-2520 Datasheet HTML 4Page - Intersil Corporation HA-2520 Datasheet HTML 5Page - Intersil Corporation HA-2520 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: VSUPPLY = ±15V, RLOAD = 2kΩ, CLOAD = 50pF, AV ≥ 3, CCOMP = 0pF, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
HA-2520/883
UNITS
MIN
MAX
Differential Input
Resistance
RIN
VCM = 0V
1
+25oC50
-
M
Full Power
Bandwidth
GBWP
VO = 200mV, fO = 10kHz
1
+25oC10
-
MHz
VO = 200mV, fO = 1MHz
1
+25oC10
-
MHz
Full Power
Bandwidth
FPBW
VPEAK = 10V
1, 2
+25oC1.6
-
MHz
Minimum Closed
Loop Stable Gain
CLSG
RL = 2kΩ, CL = 50pF
1
-55oC to +125oC+3
-
V/V
Quiescent Power
Consumption
PC
VOUT = 0V, IOUT = 0mA
1, 3
-55oC to +125oC-
195
mW
NOTES:
3. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters
are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon
data from multiple production runs which reflect lot to lot and within lot variation.
4. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2
πVPEAK).
5. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.)
TABLE 4. ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUPS (SEE TABLES 1 AND 2)
Interim Electrical Parameters (Pre Burn-In)
1
Final Electrical Test Parameters
1 (Note 4), 2, 3, 4, 5, 6, 7, 8A, 8B
Group A Test Requirements
1, 2, 3, 4, 5, 6, 7, 8A, 8B
Groups C and D Endpoints
1
NOTE:
6. PDA applies to Subgroup 1 only.
HA-2520/883


Similar Part No. - HA-2520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HA-2520/883 INTERSIL-HA-2520/883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results

Similar Description - HA-2520

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com