Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDN01G64D1BJ2SA-50 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SDN01G64D1BJ2SA-50
Description  1024MB DDR SDRAM SoDIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDN01G64D1BJ2SA-50 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SDN01G64D1BJ2SA-50 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDN01G64D1BJ2SA-50 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
Rev.1.1
24.01.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 8
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
email: info@swissbit.com
of 14
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS
(0°C ≤ TA ≤ + 70°C; VDDQ = +2.5V ± 0.2V, VDD = +2.5V ± 0.2V) see Note 1 on Page 9
AC CHARACTERISTICS
3200-3.0-3-3
2700-2.5-3-3
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
Unit
Access window of DQS CK/CK#
tAC
-0.65
+0.65
-0.65
+0.65
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
Clock cycle time
CL=2.0
tCK (2.0)
7.5
13.0
7.5
13.0
ns
CL=2.5
tCK(2.5)
6.0
13.0
6.0
13.0
CL=3.0
tCK (3.0)
5.0
13.0
-
-
DQ and DM input hold time relative
to DQS
tDH
0.40
-
0.45
-
ns
DQ and DM input setup time relative
to DQS
tDS
0.40
-
0.45
-
ns
DQ and DM input pulse width
( for each input )
tDIPW
1.75
-
1.75
-
ns
Access window of DQS from
CK/CK#
tDQSCK
-0.6
+0.6
-0.6
+0.6
ns
DQS input high pulse width
tDQSH
0.35
-
0.35
-
tCK
DQS input low pulse width
tDQSL
0.35
-
0.35
-
tCK
DQS
–DQ skew, DQS to last DQ
valid, per group, per access
tDQSQ
-
0.40
-
0.45
ns
Write command to first DQS latching
transition
tDQSS
0.72
1.28
0.75
1.25
tCK
DQS falling edge to CK rising- setup
time
tDSS
0.2
-
0.2
-
tCK
DQS falling edge from CK rising-
hold time
tDSH
0.2
-
0.2
-
tCK
Half clock period
tHP
tch,
tcl
-
tch,
tcl
-
ns
Data-out high-impedance window
from CK/CK#
tHZ
-0.7
+0.7
-0.7
+0.7
ns
Data-out low-impedance window
from CK/CK#
tLZ
-0.7
+0.7
-0.7
+0.7
ns
Address and control input hold time
( fast slew rate )
tIHF
0.6
-
0.75
-
ns
Address and control input setup time
( fast slew rate )
tISF
0.6
-
0.75
-
ns
Address and control input hold time
( slow slew rate )
tIHS
0.7
-
0.8
-
ns
Address and control input setup time
( slow slew rate )
tISS
0.6
-
0.8
-
ns
LOAD MODE REGISTER command
cycle time
tMRD
10
-
12
-
ns
Adress and control input pulse width
(for each input)
tIPW
2.2
-
2.2
-
ns
DQ-DQS hold, DQS to first DQ to go
non-valid, per access
tQH
tHP - tQHS
tHP - tQHS
ns
Data hold skew factor
tQHS
-
0.5
-
0.6
ns


Similar Part No. - SDN01G64D1BJ2SA-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN03264C1CF1MT-50 ETC2-SDN03264C1CF1MT-50 Datasheet
867Kb / 13P
   256MB DDR . SDRAM SoDIMM
SDN03264C1CF1MT-60 ETC2-SDN03264C1CF1MT-60 Datasheet
867Kb / 13P
   256MB DDR . SDRAM SoDIMM
java.util.regex.PatternSyntaxException: Unclosed character class near index 18 SDN03264C1CJ1SA-50[ ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com