Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ5948B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMZ5948B
Description  SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5948B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMZ5948B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5948B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
322
SMA CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1.5 Watt Surface Mount Silicon Zener Diode is a high quality, well
constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment,
computer, and automotive applications where small size is required. The SMA case occupies 30% less
board space than the SMB case. To order devices on 12mm Tape and Reel (5000/13" Reel), add TR13
suffix to part number.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Forward Surge Current (8.3ms)
IFSM
20
A
Power Dissipation (TL=75°C)
PD
1.5
W
Power Dissipation
PD
0.9
W
Peak Power Dissipation (TL<25°C)
PW=10/1000
ms
PPK
200
W
Peak Power Dissipation (TL<25°C)
PW=8/20
ms
PPK
1000
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
QJL
50
°C/W
Thermal Resistance
QJA
139
°C/W
FEATURES:
• SUPER MINIATURE CASE
• 200 WATTS OF TVS POWER
• ± 5% TOLERANCE
• SUPERIOR LOT TO LOT CONSISTENCY
• LOW COST
• HIGH RELIABILITY
• “C” BEND CONSTRUCTION PROVIDES
STRAIN RELIEF WHEN MOUNTED ON
PC BOARD
CMZ5921B
THRU
CMZ5956B
SURFACE MOUNT
SILICON ZENER DIODE
1.5 WATT, 6.8 THRU 200 VOLTS
± 5% TOLERANCE
NEW


Similar Part No. - CMZ5948B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5948B CENTRAL-CMZ5948B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5948BP CENTRAL-CMZ5948BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
More results

Similar Description - CMZ5948B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
logo
New Jersey Semi-Conduct...
1N5559B NJSEMI-1N5559B Datasheet
148Kb / 1P
   1.0 WATT ZENER DIODE 6.8 VOLTS to 200 VOLTS 5% TOLERANCE
logo
Central Semiconductor C...
CMZ5342B CENTRAL-CMZ5342B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CMZ5342B CENTRAL-CMZ5342B_10 Datasheet
302Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 6.8 THRU 200 VOLTS
CMZ5334B CENTRAL-CMZ5334B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com