Electronic Components Datasheet Search |
|
SDR12872D1B62MT-50R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
SDR12872D1B62MT-50R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 13 page Data Sheet Rev.1.0 22.05.2008 Swissbit Germany AG Wolfener Straße 36 Fon: +49 (0) 30 93 69 54 - 0 www.swissbit.com Page 6 D-12681 Berlin Fax: +49 (0) 30 93 69 54 - 55 eMail: info@swissbit.com of 13 DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (0°C ≤ TA ≤ + 70°C ; V DD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9 PARAMETER/ CONDITION SYMBOL MIN MAX UNITS Supply Voltage VDD 2.3 2.7 V I/O Supply Voltage VDDQ 2.3 2.7 V I/O Reference Voltage VREF 0.49 x VDDQ 0.51x VDDQ V I/O Termination Voltage (system) VTT VREF – 0.04 VREF + 0.04 V Input High (Logic 1) Voltage VIH (DC) VREF + 0.15 VDD + 0.3 V Input Low (Logic 0) Voltage VIL (DC) -0.3 VREF – 0.15 V INPUT LEAKAGE CURRENT Any input 0V ≤ VIN ≤ VDD, VREF pin 0V ≤ VIN ≤1.35V (All other pins not under test = 0V) II -10 10 µA OUTPUT LEAKAGE CURRENT (DQS are disabled; 0V ≤ VOUT ≤ VDDQ) IOZ -10 10 µA OUTPUT LEVELS: High Current (VOUT = VDDQ-0.373V,minimum VREF, minimum VTT ) Low Current (VOUT =0.373V, maximum VREF, maximum VTT ) IOH IOL -16.8 16.8 - - mA mA AC INPUT OPERATING CONDITIONS (0°C ≤ TA ≤ + 70°C ; V DD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9 PARAMETER/ CONDITION SYMBOL MIN MAX UNITS Input High (Logic 1) Voltage VIH (AC) VREF + 0.310 - V Input Low (Logic 0) Voltage VIL (AC) - VREF - 0.310 V I/O Reference Voltage VREF(AC) 0.49 x VDDQ 0.51x VDDQ V CAPACITANCE PARAMETER SYMBOL MIN MAX UNITS Input/Output Capacitance: DQ, DQS C10 4.0 5.0 pF Input Capacitance: Command and Address C11 18.0 27.0 pF Input Capacitance: /S 0,1 C11 18.0 27.0 pF Input Capacitance: CK, /CK C12 10.0 14.0 pF Input Capacitance: CKE C13 18.0 27.0 pF |
Similar Part No. - SDR12872D1B62MT-50R |
|
Similar Description - SDR12872D1B62MT-50R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |