Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8.5C Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SA8.5C
Description  Axial Lead Transient Voltage Suppressors (TVS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA8.5C Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SA8.5C Datasheet HTML 1Page - Socay Electornics Co., Ltd. SA8.5C Datasheet HTML 2Page - Socay Electornics Co., Ltd. SA8.5C Datasheet HTML 3Page - Socay Electornics Co., Ltd. SA8.5C Datasheet HTML 4Page - Socay Electornics Co., Ltd. SA8.5C Datasheet HTML 5Page - Socay Electornics Co., Ltd. SA8.5C Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision August 25, 2013
4 / 6
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SA Series
5.0 To 190 V
500W
SOCAY Electronics Co., Ltd.
www.socay.com
Figure 1 - Peak Pulse Power Rating Curve
Figure 3 - Pulse Waveform
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
Figure 2 - Pulse Derating Curve
Figure 6 - Maximum Non-Repetitive Surge Current
150
100
50
0
tr=10µsec
Peak Value
IPPM
Half Value
IPPM (IPPM/2)
tc
10/1000
µsec. Waveform
as de
fined by R.E.A
0
1.0
2.0
3.0
4.0
TJ=25°C
Pulse Width(td) is de
fined
as the point where the peak
current decays to 50% of IPPM
t - Time (ms)
0
25
50
75
100
125
150
175
200
3.0
2.0
1.0
0.0
TL - Lead Temperature(°C)
td - Pulse Width (μs)
100
0.1
1
0.1
1
10
100
1000
10000
10
Number of Cycles at 60Hz
1
10
100
60
40
20
0
80
TJ=TJ max.
8.3 ms Single Half Sine-Wave
0
25
50
75
100
125
150
175
100
80
60
40
20
0
TA-Ambient temperature(°C)
1.0
10.0
100.0
1000.0
10000
1000
100
1
VBR-Reverse Breakdown Voltage (V)
10
Tj=25
°C
f=1.0MHz
Vsig=50mVp-p
Bi-directional
@zero bins
Uni-directional
@zero bins
Uni-directional @VRWM
Bi-directional @VRWM


Similar Part No. - SA8.5C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA8.5C PANJIT-SA8.5C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shanghai Semitech Semic...
SA8.5C SEMITECH-SA8.5C Datasheet
244Kb / 6P
   Uni-directional Versions Available
logo
Won-Top Electronics
SA8.5C WTE-SA8.5C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SA8.5C YANGJIE-SA8.5C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Micro Commercial Compon...
SA8.5C MCC-SA8.5C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SA8.5C

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com