Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431 Datasheet(PDF) 10 Page - Motorola, Inc

Part # TL431
Description  PROGRAMMABLE PRECISION REFERENCES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL431 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button TL431 Datasheet HTML 6Page - Motorola, Inc TL431 Datasheet HTML 7Page - Motorola, Inc TL431 Datasheet HTML 8Page - Motorola, Inc TL431 Datasheet HTML 9Page - Motorola, Inc TL431 Datasheet HTML 10Page - Motorola, Inc TL431 Datasheet HTML 11Page - Motorola, Inc TL431 Datasheet HTML 12Page - Motorola, Inc TL431 Datasheet HTML 13Page - Motorola, Inc TL431 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TL431, A, B Series
10
MOTOROLA ANALOG IC DEVICE DATA
Figure 30. High Efficiency Step–Down Switching Converter
150
mH @ 2.0 A
1N5823
0.01
µF
+
470
µF
51 k
0.1
µF
+
2200
µF
4.7 k
Vin = 10 V to 20 V
TIP115
MPSA20
1.0 k
4.7 k
4.7 k
10
2.2 k
100 k
Vout = 5.0 V
Iout = 1.0 A
Test
Conditions
Results
Line Regulation
Vin = 10 V to 20 V, Io = 1.0 A
53 mV (1.1%)
Load Regulation
Vin = 15 V, Io = 0 A to 1.0 A
25 mV (0.5%)
Output Ripple
Vin = 10 V, Io = 1.0 A
50 mVpp P.A.R.D.
Output Ripple
Vin = 20 V, Io = 1.0 A
100 mVpp P.A.R.D.
Efficiency
Vin = 15 V, Io = 1.0 A
82%


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Shenzhen Tuofeng Semico...
TL431 TUOFENG-TL431 Datasheet
3Mb / 15P
   TL431 Adjustable Reference Source
Jan,2019 V1.0
logo
KEC(Korea Electronics)
TL431 KEC-TL431 Datasheet
73Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
Kersemi Electronic Co.,...
TL431 KERSEMI-TL431 Datasheet
338Kb / 9P
   Thyristor
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com