Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78L1C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RL78L1C
Description  RENESAS MCU
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78L1C Datasheet(HTML) 2 Page - Renesas Technology Corp

  RL78L1C Datasheet HTML 1Page - Renesas Technology Corp RL78L1C Datasheet HTML 2Page - Renesas Technology Corp RL78L1C Datasheet HTML 3Page - Renesas Technology Corp RL78L1C Datasheet HTML 4Page - Renesas Technology Corp RL78L1C Datasheet HTML 5Page - Renesas Technology Corp RL78L1C Datasheet HTML 6Page - Renesas Technology Corp RL78L1C Datasheet HTML 7Page - Renesas Technology Corp RL78L1C Datasheet HTML 8Page - Renesas Technology Corp RL78L1C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0200 Rev. 2.00
Page 2 of 149
Feb 21, 2014
ROM, RAM capacities
Note
This is about 15 KB when the self-programming function and data flash function are used.
Products with USB
Flash ROM
Data Flash
RAM
RL78/L1C
80 pins
85 pins
100 pins
256 KB
8 KB
16 KB Note
R5F110MJ
R5F110NJ
R5F110PJ
192 KB
8 KB
16 KB Note
R5F110MH
R5F110NH
R5F110PH
128 KB
8 KB
12 KB
R5F110MG
R5F110NG
R5F110PG
96 KB
8 KB
10 KB
R5F110MF
R5F110NF
R5F110PF
64 KB
8 KB
8 KB
R5F110ME
R5F110NE
R5F110PE
Products without USB
Flash ROM
Data Flash
RAM
RL78/L1C
80 pins
85 pins
100 pins
256 KB
8 KB
16 KB Note
R5F111MJ
R5F111NJ
R5F111PJ
192 KB
8 KB
16 KB Note
R5F111MH
R5F111NH
R5F111PH
128 KB
8 KB
12 KB
R5F111MG
R5F111NG
R5F111PG
96 KB
8 KB
10 KB
R5F111MF
R5F111NF
R5F111PF
64 KB
8 KB
8 KB
R5F111ME
R5F111NE
R5F111PE


Similar Part No. - RL78L1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
More results

Similar Description - RL78L1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com