Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52437-2172 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 52437-2172
Description  0.5 FPC CONN. ZIF FOR SMT R/A (BOTTOM CONTACT) TIN-BISMUTH PLATING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

52437-2172 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  52437-2172 Datasheet HTML 1Page - Molex Electronics Ltd. 52437-2172 Datasheet HTML 2Page - Molex Electronics Ltd. 52437-2172 Datasheet HTML 3Page - Molex Electronics Ltd. 52437-2172 Datasheet HTML 4Page - Molex Electronics Ltd. 52437-2172 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image


Similar Part No. - 52437-2172

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52437-2171 MOLEX7-52437-2171 Datasheet
433Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom ContactStyle, 21 Circuits, Gold Contact Plating
More results

Similar Description - 52437-2172

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0541043396 MOLEX11-0541043396 Datasheet
345Kb / 4P
   0.5 FPC CONN. ZIF SMT R/A UPPER CONTACT SEPARATED GOLD PLATING
52435-3091 MOLEX-52435-3091 Datasheet
453Kb / 5P
   0.5 FPC CONN ZIF FOR SMT R/A (UPPER CONTAT)
52435-2472 MOLEX11-52435-2472 Datasheet
520Kb / 5P
   0.5 FPC CONN ZIF FOR SMT
52746-1890 MOLEX11-52746-1890 Datasheet
328Kb / 5P
   0.5 FPC CONN. Z.I.F. FOR SMT.R/A(BOTTOM CONTACT)
0526891687 MOLEX11-0526891687 Datasheet
629Kb / 6P
   0.5 FPC CONN NON ZIF HSG ASSY FOR SMT
logo
Japan Aviation Electron...
IL-FPR-21S-HF-N1 JAE-IL-FPR-21S-HF-N1 Datasheet
118Kb / 1P
   CONN FPC BOTTOM 21POS 0.5MM R/A
logo
Molex Electronics Ltd.
52559-1092 MOLEX-52559-1092 Datasheet
274Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT ST EMBSTP PKG
155200 MOLEX11-155200 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
54104-3292 MOLEX11-54104-3292 Datasheet
605Kb / 6P
   0.5 FPC Conn Zif Hsg Assy for SMT RA Upr Cont
52559-2072 MOLEX5-52559-2072 Datasheet
452Kb / 6P
   0.5 FPC CONN ASSY ZIF SMT ST EMBSTP PKG
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com