Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50717 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 50717
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

50717 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 50717 Datasheet HTML 4Page - Tyco Electronics 50717 Datasheet HTML 5Page - Tyco Electronics 50717 Datasheet HTML 6Page - Tyco Electronics 50717 Datasheet HTML 7Page - Tyco Electronics 50717 Datasheet HTML 8Page - Tyco Electronics 50717 Datasheet HTML 9Page - Tyco Electronics 50717 Datasheet HTML 10Page - Tyco Electronics 50717 Datasheet HTML 11Page - Tyco Electronics 50717 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Catalog 82020
Revised 11-02
Numerical Index
11
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Note: This numerical index lists all cata-
loged parts by base no. only. Complete
part nos. (with prefixes and/or suffixes)
are shown on the page(s) indicated.
50717
6
50719
5
50720
5
51826
7
51941
7
51942
7
51979
5
51982
6
51986
6
51989
6
51992
6
51995
6
52001
7
52004
7
52007
7
52010
7
52013
7
52016
7
52019
7
52558
6
52559
6
52560
8
52561
8
52562
8
Part No.
Page
52563
8
52568
6
52569
6
52587
5
52590
5
52745
9
52746
9
52747
9
52748
9
52749
9
52750
9
52751
9
52752
9
52791
9
52792
9
184076
5
184079
5
184082
6
184084
6
184087
6
184090
6
184092
6
184094
6
Part No.
Page


Similar Part No. - 50717

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
5071 KEYSTONE-5071 Datasheet
269Kb / 1P
   WIRE WRAP PIN
2.27.06
logo
Aavid, Thermal Division...
507102B00000 AAVID-507102B00000 Datasheet
78Kb / 2P
   For use with TO-220 packages
507102B00000G AAVID-507102B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
507102B00000G AAVID-507102B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
Festo Corporation.
5071095 FESTO-5071095 Datasheet
76Kb / 1P
   Quick coupling
More results

Similar Description - 50717

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
   These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
   WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
   SPLICE,PARALLEL,COPALUM,STRANDED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com