Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1126 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LC1126
Description  ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1126 Datasheet(HTML) 5 Page - Unisonic Technologies

  LC1126 Datasheet HTML 1Page - Unisonic Technologies LC1126 Datasheet HTML 2Page - Unisonic Technologies LC1126 Datasheet HTML 3Page - Unisonic Technologies LC1126 Datasheet HTML 4Page - Unisonic Technologies LC1126 Datasheet HTML 5Page - Unisonic Technologies LC1126 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LC1126
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-050.a
FUNCTION DESCRIPTIONS
Power-On-Reset
A Power-On-Reset (POR) circuit monitors the VCC pin voltage (VCC) for power-on-reset function to prevent
wrong operation. The built-in POR circuit keeps the output shutting off until internal circuit is operating properly..
Internal Soft-Start
An internal soft-start provides an internal soft-start circuitry to control rise rate of the output voltage and limit the
current surge during start-up. The typical soft-start interval is about 1ms.
Output Voltage Regulation
An error amplifier working with a temperature compensated 0.5V reference and an output NMOS regulates output
to the preset voltage. The error amplifier designed with high bandwidth and DC gain provides very fast transient
response and less load regulation.
Under-Voltage Protection (UVP)
UTC LC1126 monitors the voltage on FB pin after soft-start process is finished. Therefore the UVP is disabling
during soft-start. When the voltage on FB pin falls below the under-voltage threshold, the UVP circuit shuts off the
output immediately. After a while (~70% Duty), UTC LC1126 starts a new soft-start to regulate output.
Thermal Shutdown
A thermal shutdown circuit limits the junction temperature of UTC LC1126. When the junction temperature
exceeds +150°C, a thermal sensor turns off the output NMOS, allowing the device to cool down. The regulator
regulates the output again through initiation of new soft-start cycle after the junction temperature cools by 50°C,
resulting in a pulsed output during continuous thermal overload conditions.
TYPICAL APPLICATION CIRCUIT
VCC=5V
C3
0.1µF
U1
VCC
1
2
GND
3 POK
UTC LC1126
DRV
FB
EN
6
5
4
10K
56pF
Q1
MOSFET N
R1
43K
R2
39K
C2
10µF
4.7µF
C1
VOUT=1.05V
VIN=1.5V
VOUT=0.5V* (1+ R1
R2 )
C4


Similar Part No. - LC1126

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC11 MICROSEMI-LC11 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC11 MICROSEMI-LC11 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC11 MICROSEMI-LC11 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC11 NJSEMI-LC11 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Nuvotem Talema
LC11.10-15 TALEMA-LC11.10-15 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
More results

Similar Description - LC1126

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
   ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
   Ultra Low Output Voltage Linear FET Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
   Ultra Low Output Voltage Dual Linear FET Controller
logo
Maxim Integrated Produc...
MAX8563 MAXIM-MAX8563 Datasheet
272Kb / 15P
   1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
19-3290; Rev 2; 6/06
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com