Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1126G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LC1126G-AG6-R
Description  ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LC1126G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LC1126G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LC1126G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LC1126
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-050.a
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3~7
V
DRV to GND
-0.3~VCC+0.3
V
Power Dissipation
PD
0.4
W
Junction Temperature
TJ
-40~+125
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VIN=1.5V, VSHDN=VIN, TA=25°C, CIN=COUT=1µF, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage Range
VCC
4.5
5.5
V
Input Voltage UVLO Threshold
VUVLO
VCC Rising
3.75
V
Input Voltage UVLO Hysteresis
VHYST
VCC Falling
0.25
V
Supply Current
ICC
EN=VCC
0.4
0.8
mA
Shutdown Current
ISD
EN=0V
-1
1
µA
Feedback Voltage
VFB
0.49
0.5
0.51
V
Feedback Pin Input Current
IFB
VFB=0.5V
-100
100
nA
Soft Start Time
TSS
1
ms
EN Pin Logic High Threshold Voltage
VENH
Enable
1.3
V
VENL
Disable
0.5
V
EN Pin Input Current
IEN
IOUT=0mA, VIN=5V
-1
+1
µA
Output Voltage UVLO Threshold
VTH(UV)
VFB Falling
0.2
0.25
0.3
V
Ton Duty
TON
VFB<0.25V
30
%
DRV Output Current
IDRV(SRC)
Sourcing, VFB=0.48V
20
mA
IDRV(SINK)
Sinking, VFB=0.52V
20
mA
DRV Pin Output Voltage
VDRV
VFB=0.48V, VCC=5V, No Load
4.9
5.0
V
POK Threshold Voltage for Power OK
VPOK
VFB Rising
90%
93%
96%
VFB
POK Threshold Voltage for Power Not OK
VPNOK
VFB Falling
82%
85%
88%
VFB
POK Low Voltage
POK Sinks 1mA
50
100
mV
POK Delay Time
TDELAY
0.8
2
10
ms
Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Hysteresis
50
°C


Similar Part No. - LC1126G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC11 MICROSEMI-LC11 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC11 MICROSEMI-LC11 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC11 MICROSEMI-LC11 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC11 NJSEMI-LC11 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Nuvotem Talema
LC11.10-15 TALEMA-LC11.10-15 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
More results

Similar Description - LC1126G-AG6-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
   ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
   Ultra Low Output Voltage Linear FET Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
   Ultra Low Output Voltage Dual Linear FET Controller
logo
Maxim Integrated Produc...
MAX8563 MAXIM-MAX8563 Datasheet
272Kb / 15P
   1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
19-3290; Rev 2; 6/06
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com