Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-178288-7 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 1-178288-7
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-178288-7 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 1-178288-7 Datasheet HTML 5Page - Tyco Electronics 1-178288-7 Datasheet HTML 6Page - Tyco Electronics 1-178288-7 Datasheet HTML 7Page - Tyco Electronics 1-178288-7 Datasheet HTML 8Page - Tyco Electronics 1-178288-7 Datasheet HTML 9Page - Tyco Electronics 1-178288-7 Datasheet HTML 10Page - Tyco Electronics 1-178288-7 Datasheet HTML 11Page - Tyco Electronics 1-178288-7 Datasheet HTML 12Page - Tyco Electronics 1-178288-7 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
42
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
L Fittings
Used to secure free-hanging
type tab housings onto panels.
Applicable housings are
specified in the table of
housings.
External Dimensions
Push Rivets
Used to secure panel-type tab housings onto panels (Use as handy
mounting hardware. Cannot be used with larger sized housings or those
that are frequently inserted and withdrawn).
Recommended panel hole dimension
Part Number: 900121-2 (S)
Part Number: 900121-2 (S)
The location where housing is attached
varies by Series and size. Check with sample.
Part Number
900128-1
900128-2
Panel Thickness
0.3-1.3
1.3-2.3
Insertion Force
2-3kg
2-3kg
Dimensions
AB
C
D
E
6.4
1.6
4.5
3.5
1.95
6.4
1.6
5.5
3.5
1.95
Retention Force
13kg Min.*
13kg Min.*
*When 2 push rivets are used.
Connector Mounting
Hardware


Similar Part No. - 1-178288-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-178288-7 MACOM-1-178288-7 Datasheet
485Kb / 2P
   REC HSG FOR DYNAMIC. SINGLE ROW
More results

Similar Description - 1-178288-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com