Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4830 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N4830
Description  STABISTORS TIGHT TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4830 Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N4830 Datasheet HTML 1Page - Digitron Semiconductors 1N4830 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4156, 1N4157, 1N4453, 1N4829, 1N4830, 1N5179
STABISTORS
MPD100 – MPD400A
TIGHT TOLERANCE
MECHANICAL CHARACTERISTICS
Case:
Hermetically sealed glass, DO-35
Thermal Resistance:
200°C/W Typical
Polarity:
Cathode band
DO-35
Inches
Millimeters
Min
Max
Min
Max
BD
0.055
0.090
1.400
2.290
BL
0.120
0.200
3.050
5.080
LD
0.018
0.022
0.460
0.560
LL
1.000
1.500
25.400
38.100
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130130


Similar Part No. - 1N4830

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4830 MICROSEMI-1N4830 Datasheet
82Kb / 2P
   AXIAL LEAD DIODES
logo
New Jersey Semi-Conduct...
1N4830 NJSEMI-1N4830 Datasheet
118Kb / 1P
   FORWARD REGULATOR (Multu-pellet) DIODES
logo
Digitron Semiconductors
1N4830 DIGITRON-1N4830 Datasheet
118Kb / 2P
   STABISTORS
1N4830 DIGITRON-1N4830 Datasheet
118Kb / 2P
   STABISTORS
logo
American Microsemicondu...
1N4830 AMMSEMI-1N4830 Datasheet
227Kb / 1P
   Technical Specifications
More results

Similar Description - 1N4830

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD01612-4 PETERMANN-SMD01612-4 Datasheet
78Kb / 1P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02502-4 PETERMANN-SMD02502-4 Datasheet
73Kb / 2P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD0503 PETERMANN-SMD0503 Datasheet
92Kb / 3P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
logo
Suntan Capacitors
TSQ-OSC5032 SUNTAN-TSQ-OSC5032 Datasheet
130Kb / 1P
   Tight frequence tolerance
logo
Connor-Winfield Corpora...
H55 CONNOR-WINFIELD-H55 Datasheet
55Kb / 1P
   TIGHT TOLERANCE CLOCKS
logo
Suntan Capacitors
TSQ-OSC3225 SUNTAN-TSQ-OSC3225 Datasheet
117Kb / 1P
   Tight frequence tolerance
logo
New Jersey Semi-Conduct...
MZ2360 NJSEMI-MZ2360 Datasheet
104Kb / 2P
   STABISTORS
logo
Digitron Semiconductors
1N4156 DIGITRON-1N4156 Datasheet
118Kb / 2P
   STABISTORS
logo
Micross Components
M20-320-20 MICROSS-M20-320-20 Datasheet
650Kb / 1P
   Tight Dimensional Pocket Tolerance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com