Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABAC26W2135PNM09 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ABAC26W2135PNM09
Description  Cylindrical 38999 Series III Connectors with PC tail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABAC26W2135PNM09 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ABAC26W2135PNM09 Datasheet HTML 1Page - List of Unclassifed Manufacturers ABAC26W2135PNM09 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AB Connectors
General Note
AB Connectors reserves the right to make changes in product specification without notice or liability.
All information is subject to AB Connectors’ own data and is considered accurate at time of going to print.
© AB Connectors Limited, Abercynon, Mountain Ash, Rhondda Cynon Taff CF45 4SF, UK.
Telephone: +44 (0) 1443 740331 • Facsimile: +44 (0) 01443 741676 • Email: sales@ttabconnectors.com • Website: www.ttabconnectors.com
Issue 01
01.11
A subsidiary of
TT electronics plc
Cylindrical 38999 Series III
Connectors with PC tail
Cylindrical 38999 III connectors with PC tail contacts
for solder mounting on printed circuit boards.
• Military & Aerospace
• Mil-DTL-38999
The Cylindrical 38999 Series III connectors with PC tail contacts for solder mounting to printed circuit boards,
meeting Mil-Spec requirements of MIL-DTL-38999.
38999 Series III PC Tail connectors are available in either single hole jam nut type 24, or four hole panel mount
type 20 styles. Insert arrangements incorporate PCB contact in sizes 16, 20 and 22D. Connector performances are
compatible with the Mil Spec. Considerations must be made for length of PCB tails and any mechanical methods
needed to stabilise the printed circuit board.
Pinout coordinate dimensions are available on request.
Specifications
Standard Materials & Finishes
Shell: Aluminium
Insulators: Rigid plastic/silicone rubber
Contacts: Copper alloy
Standard Plating Finishes
Aluminium Parts: Cadmium Olive drab (W)
Contacts: Gold over nickel plated
* Consult factory for alternative finishes.
Environmental Features
Temperature Rating: -65˚C to + 175˚C
Shock: 300g, 3 ms according EN 2591-D2 method A
Vibration (sine): 10 to 2000 Hz, 3x12 hrs (60g, 140-2000 Hz) with temperature cycling
Vibration (random):
50 to 2000 Hz , 2x8 hrs (1g² / Hz, 100-2000Hz) at Tº max.
25 to 2000 Hz , 2x8 hrs (5g² / Hz, 100-300Hz) (at ambient Tº)
Test with accessories in acc. with EN 2591-D3
Sealing: Mated connectors meet altitude immersion requirements of MIL-DTL-38999
Salt spray: 500 hrs
Resistance to fluids:
Gasoline: JP5 (OTAN F44)
Mineral hydraulic fluid: MIL-H-5606 (OTAN H515)
Synthetic hydraulic fluid: Skydrol 500 B4
Mineral lubricating: MIL-L-7870A (OTAN 0142)
Synthetic lubricating: MIL-L-23699 (OTAN 0156), MIL-L7808
Cleaning fluid: MIL-DTL-25769 diluted
De-icing fluid: MIL-A-8243
Extinguishing fluid: Chlorobrométhane
Cooling fluid: Coolanol
Mechanical Features
Coupling: 3 start stub acme thread
Contact Termination: PCB
Sealing: Dynamic sealing ring & individual wire seal grommet. IP67 rated.
Endurance: 500 mating / unmating operations


Similar Part No. - ABAC26W2135PNM09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABAC24W1535PNM12 ETC2-ABAC24W1535PNM12 Datasheet
255Kb / 1P
   FIXED CONNECTOR WITH PC TAILS AND PANEL SEALING
ABAC24W1535SNM12 ETC2-ABAC24W1535SNM12 Datasheet
255Kb / 1P
   FIXED CONNECTOR WITH PC TAILS AND PANEL SEALING
More results

Similar Description - ABAC26W2135PNM09

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Amphenol Corporation
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com