Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABAC20Q1135SNM09 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ABAC20Q1135SNM09
Description  Cylindrical 38999 Series III Connectors with PC tail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABAC20Q1135SNM09 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ABAC20Q1135SNM09 Datasheet HTML 1Page - List of Unclassifed Manufacturers ABAC20Q1135SNM09 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AB Connectors
General Note
AB Connectors reserves the right to make changes in product specification without notice or liability.
All information is subject to AB Connectors’ own data and is considered accurate at time of going to print.
© AB Connectors Limited, Abercynon, Mountain Ash, Rhondda Cynon Taff CF45 4SF, UK.
Telephone: +44 (0) 1443 740331 • Facsimile: +44 (0) 01443 741676 • Email: sales@ttabconnectors.com • Website: www.ttabconnectors.com
Issue 01
01.11
Cylindrical 38999 Series III
Connectors with PC tail
Note:
To choose correct tail length and diameter, see Table 1
For additional information or to discuss your specific requirements please contact our Sales Team using the contact details below.
A TT GROUP COMPANY
AB CONNECTORS LTD.
IF NOT , A NEW DRAWING NUMBER MUST
THE PART REMAINS INTERCHANGEABLE.
THIS DRAWING MAY ONLY BE ALTERED IF
ANGULAR
2
HOLE DIAMETERS
0.05
ALL DECIMAL PLACES
0.1
MODIFICATIONS MUST BE CARRIED OUT USING CAD SYSTEM
TOLERANCES UNLESS OTHERWISE STATED
MATERIAL:
PROFILE OF A SURFACE
PROFILE OF A LINE
PARALLELISM
CYLINDRICITY
ROUNDNESS
FLATNESS
STRAIGHTNESS
CHARACTERISTIC
GEOMETRIC TOLERANCE SYMBOLS
A3
TOLERANCES. NOTES. ETC. SEE BS308
FOR EXPLANATION OF DIMENSIONS.
SQUARENESS
SYMMETRY
CONCENTRICITY
POSITION
RUN OUT
ANGULARITY
CHARACTERISTIC
M.M.C.
SYM
M
SYM
CHKD
DATE
DRAWN
BE TAKEN.
WORKED TO.
NOT TO BE
PURPOSES ONLY.
FOR QUOTATION
DRAWING
All Dimensions are in mm
DESCRIPTION OF LAST CHANGE
c ABConnectors Ltd. This document and the information contained herein may not be copied, used or disclosed, in whole
or in part, except with the prior written permission of AB CONNECTORS LTD., or if this document has been produced
under a contract with another party as expressly authorised under that contract. It is supplied without liability for errors or
omisions.
Issued By
Date
PRODUCT DRAWING NUMBER
TITLE:
Do not scale this drawing
Variations start at 001
FINISH
CODE
FINISH:
VARN
PROJECTION
Issue
= CRITICAL CHARACTERISTIC ◊ = SIGNIFICANT CHARACTERISTIC (SEE AB-W07-03-01 FOR DESCRIPTION)
38999 PC TAIL DATA SHEET
N/A
ABAC.CDS.0003
AG
25/11/2010
ABAC.CDS.0003
NOTES
1. DIMENSIONS IN MILLIMETRES.
2. CONSULT FACTORY FOR REQUIREMENTS NOT LISTED.
B
C
B
C
JAM NUT STYLE
SHELL SIZE
C MIN
C MAX
9
12.21
13.36
11
12.21
13.36
13
12.32
13.34
15
12.32
13.34
17
12.21
13.36
19
12.01
13.16
21
13.01
14.16
23
13.01
14.16
25
13.03
14.16
SQUARE FLANGE STYLE
SHELL SIZE
C MIN
C MAX
9
10.49
11.63
11
10.49
11.63
13
10.49
11.63
15
10.49
11.63
17
10.49
11.63
19
10.49
11.63
21
10.49
11.63
23
10.49
11.63
25
10.51
11.63
CONTACTS
CONTACT SIZE MOD CODE REF.
ØA
B
22D
M03
0.70
8.50
22D
M09
0.70
4.00
22D
M10
0.50
5.10
20
M09
0.70
5.10
16
M09
1.15
5.10
Receptacle connectors with preloaded straight PCB contacts
A subsidiary of
TT electronics plc
Note:
For dimensions A & B, see Table 1. All dimensions are in millimetres
Product Range:
AB AC
20
W
11
35
P
N
M09
Shell style:
20 : Square flange receptacle
24 : Jam nut receptacle
26 : Plug with RFI shielding
Plating:
W : Olive drab cadmium
F : Electroless Nickel
Q : Zinc cobalt green passivate
QB : Zinc cobalt black passivate
Shell size:
9, 11, 13, 15, 17, 19, 21, 23 or 25
Contact layout:
Please consult factory
Contact type:
P : Pin
S : Socket
Orientation:
N, A, B, C, D & E
Modification:
See Table 1 Below
Size 22D pin contact with PCB tail
514.2.18970.###
Size 22D socket contact with PCB tail
514.2.18977.###
Size 20 pin contact with PCB tail
514.2.18971.###
Size 20 socket contact with PCB tail
514.2.18978.###
Size 16 pin contact with PCB tail
514.2.18972.###
Size 16 socket contact with PCB tail
514.2.18979.###
AB Part Number Explanation
A TT GROUP COMPANY
AB CONNECTORS LTD.
IF NOT , A NEW DRAWING NUMBER MUST
THE PART REMAINS INTERCHANGEABLE.
THIS DRAWING MAY ONLY BE ALTERED IF
ANGULAR
2
HOLE DIAMETERS
0.05
ALL DECIMAL PLACES
0.1
MODIFICATIONS MUST BE CARRIED OUT USING CAD SYSTEM
TOLERANCES UNLESS OTHERWISE STATED
MATERIAL:
PROFILE OF A SURFACE
PROFILE OF A LINE
PARALLELISM
CYLINDRICITY
ROUNDNESS
FLATNESS
STRAIGHTNESS
CHARACTERISTIC
GEOMETRIC TOLERANCE SYMBOLS
A3
TOLERANCES. NOTES. ETC. SEE BS308
FOR EXPLANATION OF DIMENSIONS.
SQUARENESS
SYMMETRY
CONCENTRICITY
POSITION
RUN OUT
ANGULARITY
CHARACTERISTIC
M.M.C.
SYM
M
SYM
CHKD
DATE
DRAWN
BE TAKEN.
WORKED TO.
NOT TO BE
PURPOSES ONLY.
FOR QUOTATION
DRAWING
All Dimensions are in mm
DESCRIPTION OF LAST CHANGE
c ABConnectors Ltd. This document and the information contained herein may not be copied, used or disclosed, in whole
or in part, except with the prior written permission of AB CONNECTORS LTD., or if this document has been produced
under a contract with another party as expressly authorised under that contract. It is supplied without liability for errors or
omisions.
Issued By
Date
PRODUCT DRAWING NUMBER
TITLE:
Do not scale this drawing
Variations start at 001
FINISH
CODE
FINISH:
VARN
PROJECTION
Issue
= CRITICAL CHARACTERISTIC ◊ = SIGNIFICANT CHARACTERISTIC (SEE AB-W07-03-01 FOR DESCRIPTION)
38999 PC TAIL DATA SHEET
N/A
ABAC.CDS.0003
AG
25/11/2010
ABAC.CDS.0003
NOTES
1. DIMENSIONS IN MILLIMETRES.
2. CONSULT FACTORY FOR REQUIREMENTS NOT LISTED.
B
C
B
C
JAM NUT STYLE
SHELL SIZE
C MIN
C MAX
9
12.21
13.36
11
12.21
13.36
13
12.32
13.34
15
12.32
13.34
17
12.21
13.36
19
12.01
13.16
21
13.01
14.16
23
13.01
14.16
25
13.03
14.16
SQUARE FLANGE STYLE
SHELL SIZE
C MIN
C MAX
9
10.49
11.63
11
10.49
11.63
13
10.49
11.63
15
10.49
11.63
17
10.49
11.63
19
10.49
11.63
21
10.49
11.63
23
10.49
11.63
25
10.51
11.63
CONTACTS
CONTACT SIZE MOD CODE REF.
ØA
B
22D
M03
0.70
8.50
22D
M09
0.70
4.00
22D
M10
0.50
5.10
20
M09
0.70
5.10
16
M09
1.15
5.10
A TT GROUP COMPANY
AB CONNECTORS LTD.
IF NOT , A NEW DRAWING NUMBER MUST
THE PART REMAINS INTERCHANGEABLE.
THIS DRAWING MAY ONLY BE ALTERED IF
ANGULAR
2
HOLE DIAMETERS
0.05
ALL DECIMAL PLACES
0.1
MODIFICATIONS MUST BE CARRIED OUT USING CAD SYSTEM
TOLERANCES UNLESS OTHERWISE STATED
MATERIAL:
PROFILE OF A SURFACE
PROFILE OF A LINE
PARALLELISM
CYLINDRICITY
ROUNDNESS
FLATNESS
STRAIGHTNESS
CHARACTERISTIC
GEOMETRIC TOLERANCE SYMBOLS
A3
TOLERANCES. NOTES. ETC. SEE BS308
FOR EXPLANATION OF DIMENSIONS.
SQUARENESS
SYMMETRY
CONCENTRICITY
POSITION
RUN OUT
ANGULARITY
CHARACTERISTIC
M.M.C.
SYM
M
SYM
CHKD
DATE
DRAWN
BE TAKEN.
WORKED TO.
NOT TO BE
PURPOSES ONLY.
FOR QUOTATION
DRAWING
All Dimensions are in mm
DESCRIPTION OF LAST CHANGE
c ABConnectors Ltd. This document and the information contained herein may not be copied, used or disclosed, in whole
or in part, except with the prior written permission of AB CONNECTORS LTD., or if this document has been produced
under a contract with another party as expressly authorised under that contract. It is supplied without liability for errors or
omisions.
Issued By
Date
PRODUCT DRAWING NUMBER
TITLE:
Do not scale this drawing
Variations start at 001
FINISH
CODE
FINISH:
VARN
PROJECTION
Issue
= CRITICAL CHARACTERISTIC ◊ = SIGNIFICANT CHARACTERISTIC (SEE AB-W07-03-01 FOR DESCRIPTION)
38999 PC TAIL DATA SHEET
N/A
ABAC.CDS.0003
AG
25/11/2010
ABAC.CDS.0003
NOTES
1. DIMENSIONS IN MILLIMETRES.
2. CONSULT FACTORY FOR REQUIREMENTS NOT LISTED.
B
C
B
C
JAM NUT STYLE
SHELL SIZE
C MIN
C MAX
9
12.21
13.36
11
12.21
13.36
13
12.32
13.34
15
12.32
13.34
17
12.21
13.36
19
12.01
13.16
21
13.01
14.16
23
13.01
14.16
25
13.03
14.16
SQUARE FLANGE STYLE
SHELL SIZE
C MIN
C MAX
9
10.49
11.63
11
10.49
11.63
13
10.49
11.63
15
10.49
11.63
17
10.49
11.63
19
10.49
11.63
21
10.49
11.63
23
10.49
11.63
25
10.51
11.63
CONTACTS
CONTACT SIZE MOD CODE REF.
ØA
B
22D
M03
0.70
8.50
22D
M09
0.70
4.00
22D
M10
0.50
5.10
20
M09
0.70
5.10
16
M09
1.15
5.10
Table 1
Straight PCB contacts for 38999 Series III connector
Pin Contact
Socket Contact
Contact part numbers
B
B
B
B


Similar Part No. - ABAC20Q1135SNM09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABAC24W1535PNM12 ETC2-ABAC24W1535PNM12 Datasheet
255Kb / 1P
   FIXED CONNECTOR WITH PC TAILS AND PANEL SEALING
ABAC24W1535SNM12 ETC2-ABAC24W1535SNM12 Datasheet
255Kb / 1P
   FIXED CONNECTOR WITH PC TAILS AND PANEL SEALING
More results

Similar Description - ABAC20Q1135SNM09

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Amphenol Corporation
900001 AMPHENOL-900001 Datasheet
488Kb / 24P
   MIL-DTL-38999 Series II Subminiature cylindrical connectors
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com