Electronic Components Datasheet Search |
|
ABAC26QB935SNM09 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
ABAC26QB935SNM09 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page AB Connectors General Note AB Connectors reserves the right to make changes in product specification without notice or liability. All information is subject to AB Connectors’ own data and is considered accurate at time of going to print. © AB Connectors Limited, Abercynon, Mountain Ash, Rhondda Cynon Taff CF45 4SF, UK. Telephone: +44 (0) 1443 740331 • Facsimile: +44 (0) 01443 741676 • Email: sales@ttabconnectors.com • Website: www.ttabconnectors.com Issue 01 01.11 A subsidiary of TT electronics plc Cylindrical 38999 Series III Connectors with PC tail Cylindrical 38999 III connectors with PC tail contacts for solder mounting on printed circuit boards. • Military & Aerospace • Mil-DTL-38999 The Cylindrical 38999 Series III connectors with PC tail contacts for solder mounting to printed circuit boards, meeting Mil-Spec requirements of MIL-DTL-38999. 38999 Series III PC Tail connectors are available in either single hole jam nut type 24, or four hole panel mount type 20 styles. Insert arrangements incorporate PCB contact in sizes 16, 20 and 22D. Connector performances are compatible with the Mil Spec. Considerations must be made for length of PCB tails and any mechanical methods needed to stabilise the printed circuit board. Pinout coordinate dimensions are available on request. Specifications Standard Materials & Finishes Shell: Aluminium Insulators: Rigid plastic/silicone rubber Contacts: Copper alloy Standard Plating Finishes Aluminium Parts: Cadmium Olive drab (W) Contacts: Gold over nickel plated * Consult factory for alternative finishes. Environmental Features Temperature Rating: -65˚C to + 175˚C Shock: 300g, 3 ms according EN 2591-D2 method A Vibration (sine): 10 to 2000 Hz, 3x12 hrs (60g, 140-2000 Hz) with temperature cycling Vibration (random): 50 to 2000 Hz , 2x8 hrs (1g² / Hz, 100-2000Hz) at Tº max. 25 to 2000 Hz , 2x8 hrs (5g² / Hz, 100-300Hz) (at ambient Tº) Test with accessories in acc. with EN 2591-D3 Sealing: Mated connectors meet altitude immersion requirements of MIL-DTL-38999 Salt spray: 500 hrs Resistance to fluids: Gasoline: JP5 (OTAN F44) Mineral hydraulic fluid: MIL-H-5606 (OTAN H515) Synthetic hydraulic fluid: Skydrol 500 B4 Mineral lubricating: MIL-L-7870A (OTAN 0142) Synthetic lubricating: MIL-L-23699 (OTAN 0156), MIL-L7808 Cleaning fluid: MIL-DTL-25769 diluted De-icing fluid: MIL-A-8243 Extinguishing fluid: Chlorobrométhane Cooling fluid: Coolanol Mechanical Features Coupling: 3 start stub acme thread Contact Termination: PCB Sealing: Dynamic sealing ring & individual wire seal grommet. IP67 rated. Endurance: 500 mating / unmating operations |
Similar Part No. - ABAC26QB935SNM09 |
|
Similar Description - ABAC26QB935SNM09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |