Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-24 Datasheet(PDF) 2 Page - Sanken electric

Part # FMB-24
Description  Silicon Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-24 Datasheet(HTML) 2 Page - Sanken electric

  FMB-24 Datasheet HTML 1Page - Sanken electric FMB-24 Datasheet HTML 2Page - Sanken electric FMB-24 Datasheet HTML 3Page - Sanken electric FMB-24 Datasheet HTML 4Page - Sanken electric FMB-24 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANKEN ELECTRIC CO., LTD.
FMB-24
041013
2/5
61426-01
4.
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
48
2
Peak Reverse Voltage
VRM
V
40
3
Average Forward Current
IF(AV)
A
4.0
Refer to Derating of 7
4
Peak Surge Forward Current
IFSM
A
50
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
12.5
1msec≤t≤10msec
6
Junction Temperature
Tj
°C
-40∼+150
7
Storage Temperature
Tstg
°C
-40∼+150
No.1,2,4&5 show ratings per one chip.
5.
Electrical characteristics (Ta=25°C ,unless otherwise specified)
No
.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.55 max.
IF=2.0A
2
Reverse Leakage Current
IR
mA
2.0 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H-IR
mA
20 max.
VR=VRM, Tj=125°C
70 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
Rth(j-c)
°C/W
4.0 max.
Between Junction and case
No.1,2,&3 show characteristics per one chip.


Similar Part No. - FMB-24

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-24 SANKEN-FMB-24 Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-24 SANKEN-FMB-24 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-24H SANKEN-FMB-24H Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-24H SANKEN-FMB-24H Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-24L SANKEN-FMB-24L Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
More results

Similar Description - FMB-24

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
   Silicon Schottky Barrier Diode
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode
logo
Nanjing International G...
1N60P DGNJDZ-1N60P Datasheet
75Kb / 1P
   SILICON SCHOTTKY BARRIER DIODE
logo
National Semiconductor ...
HPC36164 NSC-HPC36164 Datasheet
348Kb / 5P
   Silicon Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD784WS SEMTECH_ELEC-SD784WS Datasheet
176Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
logo
Guangdong Kexin Industr...
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
   Silicon Schottky Barrier Diode
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Sanken electric
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
   Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode
SJPA-D3 SANKEN-SJPA-D3 Datasheet
128Kb / 5P
   Silicon Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com