Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM450CLA120 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM450CLA120
Description  Intellimod??L-Series Three Phase IGBT Inverter 450 Amperes/1200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM450CLA120 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM450CLA120 Datasheet HTML 1Page - Powerex Power Semiconductors PM450CLA120 Datasheet HTML 2Page - Powerex Power Semiconductors PM450CLA120 Datasheet HTML 3Page - Powerex Power Semiconductors PM450CLA120 Datasheet HTML 4Page - Powerex Power Semiconductors PM450CLA120 Datasheet HTML 5Page - Powerex Power Semiconductors PM450CLA120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PM450CLA120
Intellimod™ L-Series
Three Phase IGBT Inverter
450 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VCIN = 15V, Tj = 25°C
1.0
mA
VCE = VCES, VCIN = 15V, Tj = 125°C
10
mA
Diode Forward Voltage
VEC
-IC = 450A, VCIN = 15V, VD = 15V
2.8
3.9
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 450A,
1.8
2.3
Volts
Tj = 25°C
VD = 15V, VCIN = 0V, IC = 450A,
1.9
2.4
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.0
2.5
µs
trr
VD = 15V, VCIN = 0 1 15V
0.5
0.8
µs
tC(on)
VCC = 600V, IC = 450A
0.4
1.0
µs
toff
Tj = 125°C
2.3
3.5
µs
tC(off)
0.7
1.2
µs
Control Sector
Short Circuit Trip Level
SC
-20°C ≤ Tj ≤ 125°C, VD = 15V
900
Amperes
Short Circuit Current Delay Time
toff(SC)
VD = 15V
0.2
µs
Over Temperature Protection
OT
Trip Level
135
145
°C
(Detect Tj of IGBT Chip)
OTR
Reset Level
125
°C
Supply Circuit Under-voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
(-20 ≤ Tj ≤ 125°C)
UVR
Reset Level
12.5
Volts
Circuit Current
ID
Upper Arm VD = 15V, VCIN = 15V
20
27
mA
Lower Arm VD = 15V, VCIN = 15V
20
27
mA
Input ON Threshold Voltage
Vth(on)
Applied between UP-VUPC, VP-VVPC,
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
WP-VWPC, UN-VUNC, VN-VVNC, WN-VWNC 1.7
2.0
2.3
Volts
Fault Output Current*
IFO(H)
VD = 15V, VFO = 15V
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
10
15
mA
Fault Output Pulse Width*
tFO
VD = 15V
1.0
1.8
ms
*Fault output is given only when the internal SC, OT and UV protection of either upper or lower arms is tripped.


Similar Part No. - PM450CLA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM450CLA120 MITSUBISHI-PM450CLA120 Datasheet
130Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM450CLA120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150CL1A120 POWEREX-PM150CL1A120 Datasheet
668Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 150 Amperes/1200 Volts
PM100CL1A120 POWEREX-PM100CL1A120 Datasheet
669Kb / 6P
   Intellimod L-Series Three Phase IGBT Inverter 100 Amperes/1200 Volts
PM50CL1A120 POWEREX-PM50CL1A120 Datasheet
693Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/1200 Volts
PM50CL1B120 POWEREX-PM50CL1B120 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/1200 Volts
PM75CL1B120 POWEREX-PM75CL1B120 Datasheet
612Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 75 Amperes/1200 Volts
PM75CL1A120 POWEREX-PM75CL1A120 Datasheet
694Kb / 5P
   Intellimod L1-Series Three Phase IGBT Inverter 75 Amperes/1200 Volts
PM25CL1B120 POWEREX-PM25CL1B120 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM600CLA060 POWEREX-PM600CLA060 Datasheet
281Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 600 Amperes/600 Volts
PM300CL1A060 POWEREX-PM300CL1A060 Datasheet
669Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 300 Amperes/600 Volts
PM150CLB060 POWEREX-PM150CLB060 Datasheet
196Kb / 4P
   Intellimod??L-Series Three Phase IGBT Inverter 150 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com