Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-5179230-0 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-5179230-0
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-5179230-0 Datasheet(HTML) 2 Page - Tyco Electronics

  1-5179230-0 Datasheet HTML 1Page - Tyco Electronics 1-5179230-0 Datasheet HTML 2Page - Tyco Electronics 1-5179230-0 Datasheet HTML 3Page - Tyco Electronics 1-5179230-0 Datasheet HTML 4Page - Tyco Electronics 1-5179230-0 Datasheet HTML 5Page - Tyco Electronics 1-5179230-0 Datasheet HTML 6Page - Tyco Electronics 1-5179230-0 Datasheet HTML 7Page - Tyco Electronics 1-5179230-0 Datasheet HTML 8Page - Tyco Electronics 1-5179230-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
71
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
0.8mm Free Height (FH) Connectors
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Product Facts
For parallel board stacking
applications
High density packaging on
0.8 [.031] centerline
spacing
Available sizes from 40 to
200 positions (in 20 position
increments)
Board stacking heights
available from 5 [.197] to
16 [.630] (in 1 [.039]
increments)
Bellows type spring contacts
are resistant to scooping
and stubbing during mating
and unmating
Positioning bosses for
proper on-board orientation
Available packaged
on“tape-and-reel” for
automatic placement per
EIA standards
Recognized under the
Component Program of
Underwriter
Laboratories Inc.,
File No. E28476
R
Tyco Electronics 0.8mm FH
surface-mount connectors
are designed for parallel
board stacking applications
using subminiature connec-
tors to meet today’s elec-
tronic industry requirements
for high density packaging.
It is possible to save more
than 50% of the required
board space when com-
pared to conventional 1.27
[.050] centerline connectors.
0.8mm FH connectors are
ideally suited for application
downsizing, such as note-
book PCs, pen pads, cellu-
lar telephones and other
electronic equipment
requiring miniature connec-
tor packaging.
Vertical board-mount plugs
and receptacles are avail-
able. By mating combina-
tions of plug and receptacle
housing heights, board-to-
board stacking heights from
5 [.197] to 16 [.630] (in 1
[.039] increments) can be
achieved.
The receptacles are
preloaded with the
Tyco Electronics unique
bellows-type spring con-
tacts for reliable electrical
connection with the plugs.
In addition, right angle
plugs are available
which mate to standard
receptacles.
Performance Characteristics
Voltage Rating — 100 VAC
Current Rating — 0.5 ampere
Contact Resistance —
30 milliohms max. (initial)
Dielectric Withstanding Voltage —
500 VAC (1 minute)
Operating Temperature —
-40°C to +85°C (Including terminal
temperature rise)


Similar Part No. - 1-5179230-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-5179230-0 MACOM-1-5179230-0 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
More results

Similar Description - 1-5179230-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com