Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM9939 Datasheet(PDF) 5 Page - Chino-Excel Technology

Part # CEM9939
Description  Dual Enhancement Mode Field Effect Transistor(N and P Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM9939 Datasheet(HTML) 5 Page - Chino-Excel Technology

  CEM9939 Datasheet HTML 1Page - Chino-Excel Technology CEM9939 Datasheet HTML 2Page - Chino-Excel Technology CEM9939 Datasheet HTML 3Page - Chino-Excel Technology CEM9939 Datasheet HTML 4Page - Chino-Excel Technology CEM9939 Datasheet HTML 5Page - Chino-Excel Technology CEM9939 Datasheet HTML 6Page - Chino-Excel Technology CEM9939 Datasheet HTML 7Page - Chino-Excel Technology CEM9939 Datasheet HTML 8Page - Chino-Excel Technology CEM9939 Datasheet HTML 9Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CEM9939
Tj, Junction Temperature ( C)
Figure 5. Gate Threshold Variation
with Temperature
Figure 7. Transconductance Variation
with Temperature
Figure 8. Body Diode Forward
VoltageVariation with
Source Current
Figure 6. Breakdown Voltage
Variationwith Temperature
N-Channel
VDS, Body Diode Forward Voltage (V)
IDS, Drain-Source Current (A)
Tj, Junction Temperature ( C)
1.0
5.0
20.0
10.0
0
0.3
0.6
0.9
1.2
1.5
1.2
1.1
1.0
0.9
0.7
0.8
0.6
-50 -25
0
25
50
75
100 125 150
VDS=VGS
ID=250 A
9.0
7.0
5.0
2.5
13.0
11.0
0
02
4
6
8
10
VDS=15V
-25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250 A
5-171
5


Similar Part No. - CEM9939

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9939A CET-CEM9939A Datasheet
134Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results

Similar Description - CEM9939

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com