Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF2804S-7P Datasheet(PDF) 1 Page - International Rectifier

Part # IRF2804S-7P
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2804S-7P Datasheet(HTML) 1 Page - International Rectifier

  IRF2804S-7P Datasheet HTML 1Page - International Rectifier IRF2804S-7P Datasheet HTML 2Page - International Rectifier IRF2804S-7P Datasheet HTML 3Page - International Rectifier IRF2804S-7P Datasheet HTML 4Page - International Rectifier IRF2804S-7P Datasheet HTML 5Page - International Rectifier IRF2804S-7P Datasheet HTML 6Page - International Rectifier IRF2804S-7P Datasheet HTML 7Page - International Rectifier IRF2804S-7P Datasheet HTML 8Page - International Rectifier IRF2804S-7P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRF2804S-7P
HEXFET® Power MOSFET
VDSS = 40V
RDS(on) = 1.6mΩ
ID = 160A
6/01/05
www.irf.com
1
AUTOMOTIVE MOSFET
HEXFET® is a registered trademark of International Rectifier.
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional fea-
tures of this design are a 175°C junction operat-
ing temperature, fast switching speed and im-
proved repetitive avalanche rating . These fea-
tures combine to make this design an extremely
efficient and reliable device for use in Automotive
applications and a wide variety of other applica-
tions.
S
D
G
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (See Fig. 9)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
j
–––
0.50
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
j
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
ij
–––
40
Max.
320
230
1360
160
10 lbf•in (1.1N•m)
330
2.2
± 20
630
1050
See Fig.12a,12b,15,16
300 (1.6mm from case )
-55 to + 175
S (Pin 2, 3 ,5,6,7)
G (Pin 1)
G
S
S
S
S
S
D
D
PD - 96891A


Similar Part No. - IRF2804S-7P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IRF2804S-7PPBF IRF-IRF2804S-7PPBF Datasheet
668Kb / 11P
   HEXFET짰 Power MOSFET
IRF2804S-7PPBF IRF-IRF2804S-7PPBF Datasheet
286Kb / 10P
   Advanced Process Technology
IRF2804S-7PPBF IRF-IRF2804S-7PPBF_15 Datasheet
286Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRF2804S-7P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com