Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643Q Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6643Q
Description  Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643Q Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6643Q Datasheet HTML 1Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 2Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 3Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 4Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 5Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 6Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 7Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 8Page - National Semiconductor (TI) LMH6643Q Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMH6642Q, LMH6643Q
www.ti.com
SNOSC61B – JANUARY 2012 – REVISED MARCH 2013
5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, V
ID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to V
+/2. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
CIN
Common Mode Input
2
pF
Capacitance
CMVR
Input Common-Mode Voltage
CMRR
≥ 50dB
−0.5
−0.2
Range
−0.1
V
3.8
4.0
3.6
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 3.5V
72
95
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.50V
86
98
RL = 2kΩ to V
+/2
82
dB
VO = 0.5V to 4.25V
76
82
RL = 150Ω to V
+/2
72
VO
Output Swing
RL = 2kΩ to V
+/2, V
ID = 200mV
4.90
4.98
V
High
RL = 150Ω to V
+/2, V
ID = 200mV
4.65
4.90
Output Swing
RL = 2kΩ to V
+/2, V
ID = −200mV
25
100
mV
Low
RL = 150Ω to V
+/2, V
ID = −200mV
100
150
ISC
Output Short Circuit Current
Sourcing to V+/2
55
115
VID = 200mV
(6)
40
mA
Sinking to V+/2
70
140
VID = −200mV
(6)
55
IOUT
Output Current
VO = 0.5V from either supply
±70
mA
+PSRR
Positive Power Supply Rejection
V+ = 4.0V to 6V
79
90
dB
Ratio
IS
Supply Current (per channel)
No Load
2.70
4.25
mA
5.00
(6)
Short circuit test is a momentary test. Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V,
allowable short circuit duration is 1.5ms.
±5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= −5V, V
CM = VO = 0V, VID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to ground. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
BW
−3dB BW
AV = +1, VOUT = 200mVPP
95
130
MHz
AV = +2, −1, VOUT = 200mVPP
46
BW0.1dB
0.1dB Gain Flatness
AV = +2, RL = 150Ω to V+/2,
12
MHz
Rf = 806Ω, VOUT = 200mVPP
PBW
Full Power Bandwidth
AV = +1, −1dB, VOUT = 2VPP
24
MHz
en
Input-Referred Voltage Noise
f = 100kHz
17
nV/
√Hz
f = 1kHz
48
in
Input-Referred Current Noise
f = 100kHz
0.90
pA/
√Hz
f = 1kHz
3.3
THD
Total Harmonic Distortion
f = 5MHz, VO = 2VPP, AV = +2
−62
dBc
DG
Differential Gain
NTSC, AV = +2
0.15
RL = 150Ω to V
+/2
%
RL = 1kΩ to V
+/2
0.01
DP
Differential Phase
NTSC, AV = +2
0.04
RL = 150Ω to V
+/2
deg
RL = 1kΩ to V
+/2
0.01
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6642Q LMH6643Q


Similar Part No. - LMH6643Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643Q TI1-LMH6643Q Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6643Q-Q1 TI-LMH6643Q-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6643QMM TI1-LMH6643QMM Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643QMM/NOPB TI-LMH6643QMM/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6643Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com