Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6657MG Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6657MG
Description  270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6657MG Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6657MG Datasheet HTML 2Page - National Semiconductor (TI) LMH6657MG Datasheet HTML 3Page - National Semiconductor (TI) LMH6657MG Datasheet HTML 4Page - National Semiconductor (TI) LMH6657MG Datasheet HTML 5Page - National Semiconductor (TI) LMH6657MG Datasheet HTML 6Page - National Semiconductor (TI) LMH6657MG Datasheet HTML 7Page - National Semiconductor (TI) LMH6657MG Datasheet HTML 8Page - National Semiconductor (TI) LMH6657MG Datasheet HTML 9Page - National Semiconductor (TI) LMH6657MG Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LMH6657, LMH6658
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
www.ti.com
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V= −5V, V
CM = VO, and RL = 100Ω (or as
specified) tied to 0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOH
Output Swing
RL = 2k
4.10
4.25
High
3.80
RL = 150Ω
4.00
4.20
V
3.70
RL = 75Ω
3.85
4.18
3.50
VOL
Output Swing
RL = 2k
−4.05
−4.19
Low
−3.80
RL = 150Ω
−3.90
−4.05
V
−3.65
R L = 75Ω
−3.80
−4.00
−3.50
IOUT
Output Current
VOUT = 1V from either rail
±45
+100,
−110
mA
ISC
Output Short Circuit Current(6)
Sourcing to Ground
120
180
100
mA
Sinking to Ground
120
230
100
RIN
Common Mode Input Resistance
4
M
CIN
Common Mode Input
1.8
pF
Capacitance
ROUT
Output Impedance
f = 1MHz, AV = +1
0.06
(6)
Short circuit test is a momentary test. See Note 6 under Absolute Maximum Ratings.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6657MG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657MG TI-LMH6657MG Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
LMH6657MG TI1-LMH6657MG Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6657MG/NOPB TI1-LMH6657MG/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6657MGX TI-LMH6657MGX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
More results

Similar Description - LMH6657MG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com