Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6704MANOPB Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MANOPB
Description  MHz Selectable Gain Buffer with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MANOPB Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6704MANOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6704MANOPB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
0V
1V
2V
3V
-1V
0V
1V
TIME (10 ns/div)
0V
1V
2V
3V
-20 mV
0V
20 mV
TIME (10 ns/div)
-40 mV
-75 -50 -25
0
25
50 75 100 125 150
0
1
2
3
4
5
6
7
8
9
10
TEMPERATURE (°C)
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
IBN
VOS
10k
1M
1G
FREQUENCY (Hz)
0
40
100
100M
10M
100k
90
60
20
80
70
50
30
10
PSRR -
PSRR +
LMH6704
www.ti.com
SNOSAD0C – FEBRUARY 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5V, RL = 100Ω, AV = +2, VOUT = 0.5 VPP; Unless Specified).
PSRR
DC Errors
vs.
vs.
Frequency
Temperature (A Typical Unit, (1))
Figure 13.
Figure 14.
Disable Timing
Disable Output Glitch
Figure 15.
Figure 16.
(1)
Negative current implies current flowing out of the device.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6704


Similar Part No. - LMH6704MANOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6704MA NSC-LMH6704MA Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704MA/NOPB TI1-LMH6704MA/NOPB Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704MAX NSC-LMH6704MAX Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
More results

Similar Description - LMH6704MANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com