Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7312 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP7312
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMP7312_14 Datasheet HTML 4Page - National Semiconductor (TI) LMP7312_14 Datasheet HTML 5Page - National Semiconductor (TI) LMP7312_14 Datasheet HTML 6Page - National Semiconductor (TI) LMP7312_14 Datasheet HTML 7Page - National Semiconductor (TI) LMP7312_14 Datasheet HTML 8Page - National Semiconductor (TI) LMP7312_14 Datasheet HTML 9Page - National Semiconductor (TI) LMP7312_14 Datasheet HTML 10Page - National Semiconductor (TI) LMP7312_14 Datasheet HTML 11Page - National Semiconductor (TI) LMP7312_14 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
FREQUENCY (Hz)
100
10
1
10
100
1k
10k
100k
1M
1s/DIV
TCVOS (éV/°C)
15
12
9
6
3
0
-2.0 -1.5 -1.0 -0.5 0.0
0.5
1.0
1.5
2.0
Nulling Switch Mode
VOCM = 1V
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, TA = 25°C, V
+ = 5V, V
IO = 5V, V
= 0V, V
CM_ATT=(+VIN+(-VIN))/2, VCM_AMP=(+IN+(-IN))/2. RL =
10k
Ω, CL =50pF, Differential output configuration.
Offset Voltage distribution (PMOS)
Offset Voltage distribution (NMOS)
Figure 2.
Figure 3.
TCVOS distribution (PMOS)
TCVOS distribution (NMOS)
Figure 4.
Figure 5.
Noise
vs.
Frequency (Core op-amp)
0.1Hz to 10Hz Noise (Core op-amp)
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312


Similar Part No. - LMP7312_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7312MA NSC-LMP7312MA Datasheet
1Mb / 22P
   Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Texas Instruments
LMP7312MA/NOPB TI1-LMP7312MA/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
National Semiconductor ...
LMP7312MAX NSC-LMP7312MAX Datasheet
1Mb / 22P
   Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Texas Instruments
LMP7312MAX/NOPB TI1-LMP7312MAX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
More results

Similar Description - LMP7312_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7312 NSC-LMP7312 Datasheet
1Mb / 22P
   Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Texas Instruments
LMP7312 TI1-LMP7312 Datasheet
1Mb / 29P
[Old version datasheet]   Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com