Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6704MAXNOPB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6704MAXNOPB
Description  MHz Selectable Gain Buffer with Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704MAXNOPB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6704MAXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMH6704MAXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6704MAXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6704MAXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6704MAXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6704MAXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6704MAXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6704MAXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6704MAXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LMH6704
SNOSAD0C – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
TA = +25°C , AV = +2, VS = ±5V, RL = 100Ω; unless specified.
Symbol
Parameter
Conditions
Min (2)
Typ (2)
Max (2)
Units
RF & RG
Internal RF and RG
375
465
563
ROUT
Closed Loop Output Resistance
DC
0.05
RIN+
Input Resistance
1
M
CIN+
Input Capacitance
1
pF
Enable/Disable Performance (Disabled Low)
TON
Enable Time
10
ns
TOFF
Disable Time
10
ns
Output Glitch
50
mVPP
VIH
Enable Voltage
DIS
≥ VIH
2.0
V
VIL
Disable Voltage
DIS
≤ VIL
0.8
IIH
Disable Input Bias Current, High
DIS = V+, (4)
−1
±50
µA
IIL
Disable Input Bias Current, Low
DIS = 0V (4)
0
−100
−350
µA
±25
IOZ
Disabled Output Leakage Current
AV = +1, VOUT = ±1.8V
0.2
µA
±50
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6704


Similar Part No. - LMH6704MAXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6704MAX NSC-LMH6704MAX Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
More results

Similar Description - LMH6704MAXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com