Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA890 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  OPA890 Datasheet HTML 1Page - National Semiconductor (TI) OPA890 Datasheet HTML 2Page - National Semiconductor (TI) OPA890 Datasheet HTML 3Page - National Semiconductor (TI) OPA890 Datasheet HTML 4Page - National Semiconductor (TI) OPA890 Datasheet HTML 5Page - National Semiconductor (TI) OPA890 Datasheet HTML 6Page - National Semiconductor (TI) OPA890 Datasheet HTML 7Page - National Semiconductor (TI) OPA890 Datasheet HTML 8Page - National Semiconductor (TI) OPA890 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1
2
3
4
8
7
6
5
DIS
+V
S
Output
NC
NC
InvertingInput
NoninvertingInput
-VS
TOPVIEW
SO
TOPVIEW
SOT23
1
2
3
6
5
4
+V
S
DIS
InvertingInput
Output
-VS
NoninvertingInput
1
2
3
6
5
4
NC=NoConnection
PinOrientation/PackageMarking
BRI
OPA890
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA890ID
Rail, 75
OPA890
SO-8
D
–40°C to +85°C
OPA890
OPA890IDR
Tape and Reel, 2500
OPA890IDBVT
Tape and Reel, 250
OPA890
SOT23-6
DBV
–40°C to +85°C
BRI
OPA890IDBVR
Tape and Reel, 3000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
OPA890
UNIT
Power Supply
±6.5
V
Internal Power Dissipation
See Thermal Characteristics
Input Voltage Range
±VS
V
Storage Temperature Range
–65 to +125
°C
Maximum Junction Temperature (TJ)
+150
°C
Maximum Junction Temperature, Continuous Operation, Long-Term Reliability
+140
°C
Human Body Model (HBM)
2000
V
ESD Rating:
Charge Device Model (CDM)
1500
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
PIN CONFIGURATIONS
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA890


Similar Part No. - OPA890

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA890 TI-OPA890 Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890ID BURR-BROWN-OPA890ID Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBV BURR-BROWN-OPA890IDBV Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890IDBVR BURR-BROWN-OPA890IDBVR Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com