Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4001ID Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4001ID
Description  THS4001
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4001ID Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4001ID Datasheet HTML 6Page - National Semiconductor (TI) THS4001ID Datasheet HTML 7Page - National Semiconductor (TI) THS4001ID Datasheet HTML 8Page - National Semiconductor (TI) THS4001ID Datasheet HTML 9Page - National Semiconductor (TI) THS4001ID Datasheet HTML 10Page - National Semiconductor (TI) THS4001ID Datasheet HTML 11Page - National Semiconductor (TI) THS4001ID Datasheet HTML 12Page - National Semiconductor (TI) THS4001ID Datasheet HTML 13Page - National Semiconductor (TI) THS4001ID Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
1
f – Frequency – MHz
10
0.5
–55
–65
–75
–85
–50
–60
–70
–80
2 nd Harmonic
3 rd Harmonic
G = +2
VIN = 1 V(PP)
VCC = ±15 V
RL = 150 Ω


Similar Part No. - THS4001ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001ID TI-THS4001ID Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001ID TI1-THS4001ID Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001IDG4 TI1-THS4001IDG4 Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001IDR TI1-THS4001IDR Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001IDRG4 TI1-THS4001IDRG4 Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com