Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF8714GTRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF8714GTRPBF
Description  Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8714GTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF8714GTRPBF Datasheet HTML 1Page - International Rectifier IRF8714GTRPBF Datasheet HTML 2Page - International Rectifier IRF8714GTRPBF Datasheet HTML 3Page - International Rectifier IRF8714GTRPBF Datasheet HTML 4Page - International Rectifier IRF8714GTRPBF Datasheet HTML 5Page - International Rectifier IRF8714GTRPBF Datasheet HTML 6Page - International Rectifier IRF8714GTRPBF Datasheet HTML 7Page - International Rectifier IRF8714GTRPBF Datasheet HTML 8Page - International Rectifier IRF8714GTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF8714GPbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.021
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.1
8.7
m
–––
10.9
13
VGS(th)
Gate Threshold Voltage
1.35
1.80
2.35
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-6.0
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
71
–––
–––
S
Qg
Total Gate Charge
–––
8.1
12
Qgs1
Pre-Vth Gate-to-Source Charge
–––
1.9
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.0
–––
nC
Qgd
Gate-to-Drain Charge
–––
3.0
–––
Qgodr
Gate Charge Overdrive
–––
2.2
–––
See Figs. 15 & 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
4.0
–––
Qoss
Output Charge
–––
4.8
–––
nC
Rg
Gate Resistance
–––
1.6
2.6
td(on)
Turn-On Delay Time
–––
10
–––
tr
Rise Time
–––
9.9
–––
td(off)
Turn-Off Delay Time
–––
11
–––
ns
tf
Fall Time
–––
5.0
–––
Ciss
Input Capacitance
–––
1020
–––
Coss
Output Capacitance
–––
220
–––
pF
Crss
Reverse Transfer Capacitance
–––
110
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.1
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
110
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
14
21
ns
Qrr
Reverse Recovery Charge
–––
15
23
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
ID = 11A
VGS = 0V
VDS = 15V
VGS = 4.5V, ID = 11A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 25µA
RG = 1.8Ω
VDS = 15V, ID = 11A
VDS = 24V, VGS = 0V, TJ = 125°C
TJ = 25°C, IF = 11A, VDD = 15V
di/dt = 300A/µs
e
TJ = 25°C, IS = 11A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VDS = VGS, ID = 25µA
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
ID = 11A
VDS = 15V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 14A e
Conditions
See Fig. 18
Max.
65
11
ƒ = 1.0MHz


Similar Part No. - IRF8714GTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8714GPBF IRF-IRF8714GPBF Datasheet
254Kb / 9P
   HEXFETPower MOSFET
More results

Similar Description - IRF8714GTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8721TRPBF IRF-IRF8721TRPBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7934PBF IRF-IRFH7934PBF_15 Datasheet
265Kb / 10P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914PBF IRF-IRFH7914PBF_15 Datasheet
294Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914TRPBF IRF-IRFH7914TRPBF Datasheet
304Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8707GTRPBF IRF-IRF8707GTRPBF Datasheet
252Kb / 9P
   Control MOSFET of Sync-Buck  Converters used for Notebook  Processor Power
IRF8714PBF-1 IRF-IRF8714PBF-1_15 Datasheet
225Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZPBF IRF-IRF7807ZPBF_15 Datasheet
220Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZTRPBF IRF-IRF7413ZTRPBF Datasheet
272Kb / 10P
   Control FET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com