Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4041IDG4 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4041IDG4
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4041IDG4 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4041IDG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4041IDG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4041IDG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4041IDG4 Datasheet HTML 9Page - National Semiconductor (TI) THS4041IDG4 Datasheet HTML 10Page - National Semiconductor (TI) THS4041IDG4 Datasheet HTML 11Page - National Semiconductor (TI) THS4041IDG4 Datasheet HTML 12Page - National Semiconductor (TI) THS4041IDG4 Datasheet HTML 13Page - National Semiconductor (TI) THS4041IDG4 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
THS4041, THS4042
165MHz CSTABLE HIGHSPEED AMPLIFIERS
SLOS237B− MAY 1999 − REVISED FEBRUARY 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 39
CMRR
vs
FREQUENCY
f − Frequency − Hz
100M
10M
100k
1M
40
VCC = ±15 V & ±5 V
RF = 1 kΩ
VI(pp) = 2 V
50
60
70
90
30
20
10
0
80
Figure 40
CROSSTALK
vs
FREQUENCY
f − Frequency − Hz
100M
10M
100k
1M
VCC = ±15 V & ±5 V
Gain = 2
RF = 2.7 kΩ
RL = 150 Ω
−80
−70
−60
−20
−50
−90
−40
−30
Figure 41
VOLTAGE & CURRENT NOISE
vs
FREQUENCY
f − Frequency − Hz
100
1k
10k
10
100k
1k
100
10
1
0.10
VCC = ±15 V & ±5 V
TA = 25°C
VN
IN
Figure 42
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = ±15 V
VO(PP) = 20 V
VCC = ±5 V
VO(PP) = 5 V
RL = 150 Ω
500
450
400
350
200
−20
−40
0
20
40
60
80
100
300
250
Figure 43
300
220
200
180
160
100
140
120
240
260
280
SETTING TIME
vs
OUTPUT STEP
VO − Output Step Voltage − V
VCC = ±5 V
0.01%
VCC = ±15 V
0.01%
VCC = ±15 V & ±5 V
0.1%
Gain = −1
RF = 360 Ω
12
34
5
Figure 44
INPUT OFFSET VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = ±15 V
VCC = ±5 V
0.0
−0.5
−1.0
−1.5
−2.0
−2.5
−20
−40
0
20
40
60
80
100
Figure 45
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = ±5 V & ±15 V
2.55
2.50
2.45
2.40
2.25
−20
−40
0
20
40
60
80
100
2.35
2.30
Figure 46
COMMON-MODE INPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC − Supply Voltage − V
15
13
11
9
3
7
5
9
11
13
15
7
5
TA = 25°C
Figure 47
OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
±VCC − Supply Voltage − V
14
12
10
8
2
7
511
13
15
6
4
9
RL = 150 Ω
TA = 25°C
RL = 1 kΩ


Similar Part No. - THS4041IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041IDGN TI-THS4041IDGN Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4041IDGNR TI-THS4041IDGNR Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4041IDGNRG4 TI-THS4041IDGNRG4 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4041IDG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
[Old version datasheet]   165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4001 TI-THS4001 Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
THS4001CDR TI1-THS4001CDR Datasheet
662Kb / 20P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
ADV7513 AD-ADV7513 Datasheet
207Kb / 12P
   165 MHz, High Performance
REV. 0
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com