Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4012CD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button THS4012CD Datasheet HTML 6Page - National Semiconductor (TI) THS4012CD Datasheet HTML 7Page - National Semiconductor (TI) THS4012CD Datasheet HTML 8Page - National Semiconductor (TI) THS4012CD Datasheet HTML 9Page - National Semiconductor (TI) THS4012CD Datasheet HTML 10Page - National Semiconductor (TI) THS4012CD Datasheet HTML 11Page - National Semiconductor (TI) THS4012CD Datasheet HTML 12Page - National Semiconductor (TI) THS4012CD Datasheet HTML 13Page - National Semiconductor (TI) THS4012CD Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
120
100
80
60
40
20
1k
10k
100k
1M
0
f − Frequency − Hz
10M
100M
VCC = ±5V
VCC = ±15 V
−40
−60
100k
10M
100M
−90
f − Frequency − Hz
1M
−80
−50
−70
VI =CH1
VO =CH2
1G
VI =CH2
VO =CH1
0
−30
−20
−10
VCC = ±15 V
80
1k
100K
1M
−20
f − Frequency − Hz
10K
0
60
20
40
100
10M
100M
1G
VCC = ±5 V
VCC = ±15 V
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±15V
RL =1kΩ
G=2
3rdHarmonic
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±5V
RL =1kΩ
G=2
3rdHarmonic
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±15V
RL =150 Ω
G=2
3rdHarmonic
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±5V
RL =150 Ω
G=2
3rdHarmonic
5
0
−5
−10
−15
0
100k
1M
10M
100M
1G
f − Frequency − Hz
−20
−25
RF =270 Ω
VCC = ±15V
RL =150 Ω
G=1
RF =100 Ω
5
0
−5
−10
−15
100k
1M
10M
100M
1G
f − Frequency − Hz
−20
RF =270 Ω
VCC = ±5V
RL =150 Ω
G=1
RF =100 Ω
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
CMRR
CROSSTALK
OPEN-LOOP GAIN RESPONSE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
DISTORTION
DISTORTION
DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
DISTORTION
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012


Similar Part No. - THS4012CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4012CD TI-THS4012CD Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CD TI-THS4012CD Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CD TI1-THS4012CD Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDG4 TI-THS4012CDG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDG4 TI1-THS4012CDG4 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results

Similar Description - THS4012CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
   Ultralow Distortion High Speed Amplifiers
REV. D
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com