Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4081CDR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4081CDR
Description  175 MHz High Speed AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4081CDR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button THS4081CDR Datasheet HTML 7Page - National Semiconductor (TI) THS4081CDR Datasheet HTML 8Page - National Semiconductor (TI) THS4081CDR Datasheet HTML 9Page - National Semiconductor (TI) THS4081CDR Datasheet HTML 10Page - National Semiconductor (TI) THS4081CDR Datasheet HTML 11Page - National Semiconductor (TI) THS4081CDR Datasheet HTML 12Page - National Semiconductor (TI) THS4081CDR Datasheet HTML 13Page - National Semiconductor (TI) THS4081CDR Datasheet HTML 14Page - National Semiconductor (TI) THS4081CDR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
THS4081, THS4082
175MHz LOW POWER HIGHSPEED AMPLIFIERS
SLOS274D − DECEMBER 1999 − REVISED JUNE 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
theory of operation
The THS408x is a high-speed, operational amplifier configured in a voltage feedback architecture. It is built
using a 30-V, dielectrically isolated, complementary bipolar process with NPN and PNP transistors possessing
fTs of several GHz. This results in an exceptionally high performance amplifier that has a wide bandwidth, high
slew rate, fast settling time, and low distortion. A simplified schematic is shown in Figure 38.
IN − (2)
IN + (3)
(6) OUT
(4) VCC −
(7) VCC +
Figure 38. THS4081 Simplified Schematic
noise calculations and noise figure
Noise can cause errors on very small signals. This is especially true when amplifying small signals, where
signal-to-noise ratio (SNR) is very important. The noise model for the THS408x is shown in Figure 39. This
model includes all of the noise sources as follows:
e
n = Amplifier internal voltage noise (nV/√Hz)
IN+ = Noninverting current noise (pA/√Hz)
IN− = Inverting current noise (pA/√Hz)
e
Rx = Thermal voltage noise associated with each resistor (eRx = 4 kTRx )


Similar Part No. - THS4081CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4081CDR TI1-THS4081CDR Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4081CDRG4 TI1-THS4081CDRG4 Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
More results

Similar Description - THS4081CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4081 TI-THS4081 Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4081IDGNR TI1-THS4081IDGNR Datasheet
947Kb / 32P
[Old version datasheet]   175-MHz LOW-POWER HIGH -SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com