Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C08-W Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C08-W
Description  8-Kbit serial I짼C bus EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-W Datasheet(HTML) 1 Page - STMicroelectronics

  M24C08-W Datasheet HTML 1Page - STMicroelectronics M24C08-W Datasheet HTML 2Page - STMicroelectronics M24C08-W Datasheet HTML 3Page - STMicroelectronics M24C08-W Datasheet HTML 4Page - STMicroelectronics M24C08-W Datasheet HTML 5Page - STMicroelectronics M24C08-W Datasheet HTML 6Page - STMicroelectronics M24C08-W Datasheet HTML 7Page - STMicroelectronics M24C08-W Datasheet HTML 8Page - STMicroelectronics M24C08-W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This is information on a product in full production.
December 2013
DocID023924 Rev 3
1/40
M24C08-W M24C08-R
M24C08-F
8-Kbit serial I²C bus EEPROM
Datasheet
- production data
1. Not recommended for new designs
Features
• Compatible with all I2C bus modes:
– 400 kHz
– 100 kHz
• Memory array:
– 8 Kbit (1 Kbyte) of EEPROM
– Page size: 16 bytes
• Single supply voltage:
– M24C08-W: 2.5 V to 5.5 V
– M24C08-R: 1.8 V to 5.5 V
– M24C08-F: 1.7 V to 5.5 V (full temperature
range) and 1.6 V to1.7 V (limited
temperature range)
• Write:
– Byte Write within 5 ms
– Page Write within 5 ms
• Operating temperature range: from -40 °C up
to +85 °C
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-year data retention
Packages
• PDIP8 ECOPACK1®
• SO8 ECOPACK2®
• TSSOP8 ECOPACK2®
• UFDFPN8 ECOPACK2®
• WLCSP ECOPACK2®
PDIP8 (BN)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8
(MC)
WLCSP (CS, CT)
(1)
www.st.com


Similar Part No. - M24C08-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-W STMICROELECTRONICS-M24C08-W Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C08-W STMICROELECTRONICS-M24C08-W Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C08-W STMICROELECTRONICS-M24C08-W Datasheet
453Kb / 38P
   Enhanced ESD/latch-up protection, More than 40-year data retention
M24C08-W STMICROELECTRONICS-M24C08-W Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C08-W STMICROELECTRONICS-M24C08-W Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results

Similar Description - M24C08-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-WMN6P STMICROELECTRONICS-M24C08-WMN6P Datasheet
688Kb / 38P
   8-Kbit serial I짼C bus EEPROM
M24C08-RMC6TG STMICROELECTRONICS-M24C08-RMC6TG Datasheet
688Kb / 38P
   8-Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
   64-Kbit serial I짼C bus EEPROM
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
   128-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com