Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4150IDGNR Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4150IDGNR
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4150IDGNR Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4150IDGNR Datasheet HTML 5Page - National Semiconductor (TI) THS4150IDGNR Datasheet HTML 6Page - National Semiconductor (TI) THS4150IDGNR Datasheet HTML 7Page - National Semiconductor (TI) THS4150IDGNR Datasheet HTML 8Page - National Semiconductor (TI) THS4150IDGNR Datasheet HTML 9Page - National Semiconductor (TI) THS4150IDGNR Datasheet HTML 10Page - National Semiconductor (TI) THS4150IDGNR Datasheet HTML 11Page - National Semiconductor (TI) THS4150IDGNR Datasheet HTML 12Page - National Semiconductor (TI) THS4150IDGNR Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Single Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±5 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Single Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±15 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±5 V
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
0
1
2
3
4
5
3rd HD
2nd HD
5th HD
4th HD
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VCC = ±15 V
f = 1 MHz
VO − Output Voltage − V
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 14.
Figure 15.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 16.
Figure 17.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4150 THS4151


Similar Part No. - THS4150IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150ID TI-THS4150ID Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4150IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4150 TI-THS4150 Datasheet
563Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4130CDG4 TI-THS4130CDG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com