Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4222DR Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4222DR
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4222DR Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4222DR Datasheet HTML 1Page - National Semiconductor (TI) THS4222DR Datasheet HTML 2Page - National Semiconductor (TI) THS4222DR Datasheet HTML 3Page - National Semiconductor (TI) THS4222DR Datasheet HTML 4Page - National Semiconductor (TI) THS4222DR Datasheet HTML 5Page - National Semiconductor (TI) THS4222DR Datasheet HTML 6Page - National Semiconductor (TI) THS4222DR Datasheet HTML 7Page - National Semiconductor (TI) THS4222DR Datasheet HTML 8Page - National Semiconductor (TI) THS4222DR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
DBV−5
DGN−8
DGK−8
DGQ−10
D−8
FEATURES
D Rail-to-Rail Output Swing
− VO = −4.8/4.8 (RL = 2 kΩ)
D High Speed
− 230 MHz Bandwidth (−3 dB, G= 1)
− 975 V/µs Slew Rate
D Ultra-Low Distortion
− HD2 = −90 dBc (f = 5 MHz, RL = 499Ω)
− HD3 = −100 dBc (f = 5 MHz, RL = 499Ω)
D High Output Drive, IO = 100 mA (typ)
D Excellent Video Performance
− 40 MHz Bandwidth (0.1 dB, G = 2)
− 0.007% Differential Gain
− 0.007° Differential Phase
D Wide Range of Power Supplies
− VS = 3 V to 15 V
D Power-Down Mode (THS4225/6)
D Evaluation Module Available
APPLICATIONS
D Low-Voltage Analog-to-Digital Converter
Preamplifier
D Active Filtering
D Video Applications
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VS−
VS+
2OUT
2IN−
2IN+
THS4222
D, DGN, OR DGK PACKAGE
(TOP VIEW)
RELATED DEVICES
DEVICE
DESCRIPTION
THS4211
1 GHz, 800 V/µs, Vn = 7 nV/√Hz
THS4271
1.4 GHz, 900 V/µs, Vn = 3 nV/√Hz
OPA354
250 MHz, 150 V/µs, Vn = 6.5 nV/√Hz
OPA690
500 MHz, 1800 V/µs, Vn = 5.5 nV/√Hz
DESCRIPTION
The THS4222 family is a set of rail-to-rail output single, and dual low-voltage, high-output swing, low-distortion high-speed
amplifiers ideal for driving data converters, video switching or low distortion applications.This family of voltage feedback
amplifiers can operate from a single 15-V power supply down to a single 3-V power supply while consuming only 14 mA of
quiescent current per channel. In addition, the family offers excellent ac performance with 230-MHz bandwidth, 975-V/
µs
slew rate and harmonic distortion (THD) at –90 dBc at 5 MHz.
1 kΩ
650 Ω
1.3 kΩ
+
5 V
2.5 V
IN+
THS4222
650 Ω
1.3 kΩ
+
2.5 V
IN−
Vout−
Vout+
0
400
600
1200
1400
1600
1800
012
4
5
VO − Differential Output Voltage Step − V
SLEW RATE
vs
DIFFERENTIAL OUTPUT VOLTAGE STEP
200
1000
800
67
89 10
3
Rise
Fall
DIFFERENTIAL DRIVE CIRCUIT
0.1 µF
10 µF
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright © 2002 − 2004, Texas Instruments Incorporated


Similar Part No. - THS4222DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4222DR TI-THS4222DR Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4222DRG4 TI-THS4222DRG4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - THS4222DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027ARTZ AD-AD8027ARTZ Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com