Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4504DGNR Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4504DGNR
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4504DGNR Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button THS4504DGNR Datasheet HTML 5Page - National Semiconductor (TI) THS4504DGNR Datasheet HTML 6Page - National Semiconductor (TI) THS4504DGNR Datasheet HTML 7Page - National Semiconductor (TI) THS4504DGNR Datasheet HTML 8Page - National Semiconductor (TI) THS4504DGNR Datasheet HTML 9Page - National Semiconductor (TI) THS4504DGNR Datasheet HTML 10Page - National Semiconductor (TI) THS4504DGNR Datasheet HTML 11Page - National Semiconductor (TI) THS4504DGNR Datasheet HTML 12Page - National Semiconductor (TI) THS4504DGNR Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Table of Graphs (5 V)
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
FIGURE
Smal-signal unity-gain frequency response
38
Small-signal frequency response
39
0.1-dB gain flatness frequency response
40
Large signal frequency response
41
Harmonic distortion (single-ended input to differential output) vs Frequency
42
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
43, 44
Harmonic distortion (single-ended input to differential output) vs Load resistance
45
Third-order intermodulation distortion vs Frequency
46
Third-order intercept point vs Frequency
47
Slew rate vs Differential output voltage step
48
Settling time
49, 50
Overdrive recovery
51, 52
Large-signal transient response
53
Small-signal transient response
54
Voltage and current noise vs Frequency
55
Rejection ratios vs Frequency
56
Rejection ratios vs Case temperature
57
Output balance error vs Frequency
58
Open-loop gain and phase vs Frequency
59
Open-loop gain vs Case temperature
60
Input bias offset current vs Case temperature
61
Quiescent current vs Supply voltage
62
Input offset voltage vs Case temperature
63
Common-mode rejection ratio vs Input common-mode range
64
Output voltage vs Load resistance
65
Closed-loop output impedance vs Frequency
66
Harmonic distortion (single-ended and differential input) vs Output common-mode voltage
67
Small-signal frequency response at VOCM
68
Output offset voltage vs Output common-mode voltage
69
Quiescent current vs Power-down voltage
70
Turn-on and turn-off delay times
71
Single-ended output impedance in power-down vs Frequency
72
Power-down quiescent current vs Case temperature
73
Power-down quiescent current vs Supply voltage
74
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4504 THS4505


Similar Part No. - THS4504DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4504DGNR TI-THS4504DGNR Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4504DGNR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI-THS4502 Datasheet
609Kb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com