Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60107 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 60107
Description  60132 Circuit Breaker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60107 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  60107 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60107 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60107 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60107 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60107 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60107 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60107 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60107 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60107 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
60132 Circuit Breaker
Product Information
MINIATURE CIRCUIT BREAKER , 120/240VAC, 30A, CIRCUIT BREAKER TYPE: STANDARD
Image not available
United States
Features and Specifications
Circuit Breaker Type: Standard
Catalog Reference Number: 0860CT0201
For Use With: OEM Panels and Enclosures
Enclosure Rating: IP40
General Application: Short circuit and overcurrent protection
Marketing Trade Name: Multi 9
Ampere Rating: 30A
Approvals: UL489 Listed - CSA 22.2 #5.1 Certified - IEC Rated 60947-2
Specific Application: Protection for loads with high inrush currents (motors, transformers, etc.)
HACR Rated: Yes
Voltage Rating: 120/240VAC
Mounting Type: Flush, Surface or DIN Rail (35mm)
Weight: 4.40 Ounces
Number of Poles: 1-Pole
Short Circuit Current Rating: 5kA@240VAC - 10kA@120VAC
Terminal Type: Line: Box Lug - Load: Box Lug
Type: C60N
Trip Curve: D Curve - Magnetic operates between 10 to 14 times
Wire Size: #18 to #2 AWG
Width: 0.71 Inches (18mm)
Depth: 3.00 Inches (76mm)
Height: 4.21 Inches (107mm)
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y
Ordering and Shipping Information
Category 00915 -
Discount Schedule DE2
Article Number 785901210481
Package Qty 1
Weight (lbs.) 0.27
Availability Code S
Returnability Y


Similar Part No. - 60107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60107 ETC2-60107 Datasheet
206Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
logo
KATHREIN Solutions GmbH
601070 KATHREIN-601070 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
601071 KATHREIN-601071 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
601072 KATHREIN-601072 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
logo
TE Connectivity Ltd
601077 TEC-601077 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
More results

Similar Description - 60107

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-60132-F BEL-SI-60132-F Datasheet
251Kb / 3P
   SI-60132-F
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com