Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6072IDG4 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS6072IDG4
Description  LOW-POWER ADSL DIFFERENTIAL RECEIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS6072IDG4 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button THS6072IDG4 Datasheet HTML 2Page - National Semiconductor (TI) THS6072IDG4 Datasheet HTML 3Page - National Semiconductor (TI) THS6072IDG4 Datasheet HTML 4Page - National Semiconductor (TI) THS6072IDG4 Datasheet HTML 5Page - National Semiconductor (TI) THS6072IDG4 Datasheet HTML 6Page - National Semiconductor (TI) THS6072IDG4 Datasheet HTML 7Page - National Semiconductor (TI) THS6072IDG4 Datasheet HTML 8Page - National Semiconductor (TI) THS6072IDG4 Datasheet HTML 9Page - National Semiconductor (TI) THS6072IDG4 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
THS6072
LOW-POWER ADSL DIFFERENTIAL RECEIVER
SLOS290B – FEBRUARY 2000 – REVISED JUNE 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
–20.00
0.00
20.00
40.00
60.00
80.00
100.00
OPEN LOOP GAIN
& PHASE RESPONSE
vs
FREQUENCY
f – Frequency – Hz
100
1k
1G
1M
10M
Phase
100M
100k
10k
VCC = ±5 V and ±15 V
Gain
45
°
0
°
–45
°
90
°
135
°
180
°
–225
°
Figure 3
–80
–60
–40
–20
0
20
CROSSTALK
vs
FREQUENCY
VCC = ±15 V
Gain = 1
RF = 0 Ω
RL = 150 Ω
f – Frequency – Hz
100k
1M
1G
10M
100M
Figure 4
–100
–90
–80
–70
–60
–50
–40
10.00
100.00
1000.00
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
10M
100k
1M
VCC = ± 15 V
Gain = 2
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ
Figure 5
–100
–90
–80
–70
–60
–50
–40
10.00
100.00
1000.00
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
10M
100k
1M
VCC = ± 5 V
Gain = 2
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ
Figure 6
10
50
90
130
170
210
250
290
330
2345
SETTLING
vs
OUTPUT STEP
VCC = ±5 V(0.01%)
VO – Output Step Voltage – V
VCC = ±15 V(0.01%)
VCC = ±5 V(0.1%)
VCC = ±15 V(0.1%)
–100
–80
–60
–40
–20
0
Figure 7
POWER SUPPLY REJECTION
RATIO
vs
FREQUENCY
f - Frequency - Hz
VCC = ± 15 V & ± 5 V
100M
10M
100k
1M
–VCC
+VCC
Figure 8
–100
–90
–80
–70
–60
–50
0
5
10
15
20
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
VCC = ± 15 V
RL = 1 kΩ
Gain = 5
f = 1 MHz
2nd Harmonic
3rd Harmonic
Figure 9
–100
–90
–80
–70
–60
–50
0
5
10
15
20
DISTORTION
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
VCC = ± 15 V
RL = 150 Ω
Gain = 5
f = 1 MHz
2nd Harmonic
3rd Harmonic


Similar Part No. - THS6072IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6072IDGN TI-THS6072IDGN Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
More results

Similar Description - THS6072IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6072 TI-THS6072 Datasheet
385Kb / 24P
[Old version datasheet]   LOW-POWER ADSL DIFFERENTIAL RECEIVER
THS6062 TI-THS6062 Datasheet
540Kb / 31P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062 TI1-THS6062_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
THS6062IDR TI1-THS6062IDR Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE ADSL DUAL DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173 Datasheet
312Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-DIE TI1-SN55LBC173-DIE Datasheet
97Kb / 5P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173 TI-SN55LBC173_07 Datasheet
323Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SN55LBC173-HIREL TI1-SN55LBC173-HIREL Datasheet
190Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
100314 NSC-100314 Datasheet
112Kb / 8P
   Low Power Quint Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com