Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD3800 Datasheet(PDF) 7 Page - Nuvotem Talema

Part # ISD3800
Description  Digital ChipCorder with Digital Audio Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

ISD3800 Datasheet(HTML) 7 Page - Nuvotem Talema

Back Button ISD3800 Datasheet HTML 3Page - Nuvotem Talema ISD3800 Datasheet HTML 4Page - Nuvotem Talema ISD3800 Datasheet HTML 5Page - Nuvotem Talema ISD3800 Datasheet HTML 6Page - Nuvotem Talema ISD3800 Datasheet HTML 7Page - Nuvotem Talema ISD3800 Datasheet HTML 8Page - Nuvotem Talema ISD3800 Datasheet HTML 9Page - Nuvotem Talema ISD3800 Datasheet HTML 10Page - Nuvotem Talema ISD3800 Datasheet HTML 11Page - Nuvotem Talema Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ISD3800
Publication Release Date: Sep 22, 2010
- 7 -
Revision 0.60
5
PIN DESCRIPTION
Pin
Number
48L-
LQFP
Pin Name
I/O
Function
1
NC
This pin should be left unconnected.
2
NC
This pin should be left unconnected.
3
NC
This pin should be left unconnected.
4
GPIO7 /
I
2S_SDI
I/O
A GPIO pin. By default this pin is a pull-high input.
Can be configured as Serial Data Input of the I
2S interface.
5
GPIO6 /
I
2S_SCK
I/O
A GPIO pin. By default this pin is a pull-high input.
Can be configured as Clock input in slave mode or clock output in
master mode. This pin can be configured as an external clock buffer
if I
2S is not used.
6
GPIO5 /
I
2S_WS
I/O
A GPIO pin. By default this pin is a pull-high input.
Can be configured as Word Select (WS) input in slave mode or WS
output in master mode.
7
GPIO4 /
I
2S_SDO
I/O
A GPIO pin. By default this pin is a pull-high input.
Can be configured as Serial Data Output of the I
2S Interface.
8
NC
This pin should be left unconnected.
9
NC
This pin should be left unconnected.
10
VSSD
I
Digital Ground.
11
VCCD
I
Digital power supply.
12
VREG
O
A 1.8V regulator to supply the internal logic. A minimum 1uF
capacitor with low ESR<0.5OHM should be connected to this pin for
supply decoupling and stability.
13
MISO /
GPIO1
O
Master-In-Slave-Out. Serial output from the ISD3800 to the host.
This pin is in tri-state when SSB=1.
Can be configured as GPIO1.
14
SCLK
I
Serial Clock input to the ISD3800 from the host.
15
SSB
I
Slave Select input to the ISD3800 from the host. When SSB is low
device is selected and responds to commands on the SPI interface.
16
MOSI /
GPIO0
I
Master-Out-Slave-In. Serial input to the ISD3800 from the host.
Can be configured as GPIO0.


Similar Part No. - ISD3800

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD3800 NUVOTON-ISD3800 Datasheet
881Kb / 26P
   Digital ChipCorder with Digital Audio Interface
More results

Similar Description - ISD3800

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD15D00 NUVOTON-ISD15D00 Datasheet
690Kb / 26P
   Digital ChipCorder with Digital Audio Interface
ISD3800 NUVOTON-ISD3800 Datasheet
881Kb / 26P
   Digital ChipCorder with Digital Audio Interface
ISD2360 NUVOTON-ISD2360 Datasheet
1Mb / 33P
   Digital ChipCorder with Embedded Flash 3-Channel Audio Playback
logo
List of Unclassifed Man...
ISD2360SYI ETC2-ISD2360SYI Datasheet
894Kb / 32P
   Digital ChipCorder with Embedded Flash 3-Channel Audio Playback
logo
Nuvoton Technology Corp...
ISD2100 NUVOTON-ISD2100 Datasheet
1,019Kb / 28P
   Digital ChipCorder With Embedded Flash for Stand-alone Playback of Audio
logo
Texas Instruments
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com