Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61083-042400LF Datasheet(PDF) 6 Page - FCI connector

Part # 61083-042400LF
Description  BERGSTAK 0.8mm BTB PLUG ASSY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

61083-042400LF Datasheet(HTML) 6 Page - FCI connector

  61083-042400LF Datasheet HTML 1Page - FCI connector 61083-042400LF Datasheet HTML 2Page - FCI connector 61083-042400LF Datasheet HTML 3Page - FCI connector 61083-042400LF Datasheet HTML 4Page - FCI connector 61083-042400LF Datasheet HTML 5Page - FCI connector 61083-042400LF Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PDS: Rev :AF
STATUS:Released
Printed: Mar 14, 2013


Similar Part No. - 61083-042400LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
61083-042400 FCI-CONNECTOR-61083-042400 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
More results

Similar Description - 61083-042400LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
61083-104402LF FCI-CONNECTOR-61083-104402LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB PLUG ASSY
61083-084409LF FCI-CONNECTOR-61083-084409LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB
61083-122402LF FCI-CONNECTOR-61083-122402LF Datasheet
456Kb / 6P
   BERGSTAK 0.8mm BTB
61082-043400LF FCI-CONNECTOR-61082-043400LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM RECEPTACLE ASSY
61082-101602LF FCI-CONNECTOR-61082-101602LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM RECEPTACLE ASSY
61082-101400LF FCI-CONNECTOR-61082-101400LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM
61082-083402LF FCI-CONNECTOR-61082-083402LF Datasheet
473Kb / 6P
   BERGSTAK 0.8MM
logo
Amphenol Communications...
10164228 AMPHENOLCS-10164228 Datasheet
264Kb / 1P
   HEADER BERGSTAK 0.4MM BTB
Rev. B
10164227 AMPHENOLCS-10164227 Datasheet
1Mb / 6P
   RECEPTACLE BERGSTAK 0.4MM BTB
Rev. B
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com