Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9440IRZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9440IRZ-T
Description  Triple, 180째 Out-of-Phase, Step-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440IRZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9440IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL9440IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL9440IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL9440IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL9440IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL9440IRZ-T Datasheet HTML 12Page - Intersil Corporation ISL9440IRZ-T Datasheet HTML 13Page - Intersil Corporation ISL9440IRZ-T Datasheet HTML 14Page - Intersil Corporation ISL9440IRZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN6383.1
December 5, 2007
FIGURE 6. PWM3 LOAD REGULATION
FIGURE 7. PWM3 EFFICIENCY vs LOAD (VO = 5V), VIN =12V,
1 DUAL SO-8 MOSFET (IRF7907) FOR UPPER
AND LOWER MOSFETS
FIGURE 8. PWM SOFT-START WAVEFORMS
FIGURE 9. OUTPUT RIPPLE UNDER MAXIMUM LOAD
(IO1 = IO1 = 6A, IO3 = 2A, IO4 = 0.5A)
FIGURE 10. VIN FALLING TO PGOOD FALLING DELAY TIME
FIGURE 11. PGOOD FALLING TO RST FALLING
Typical Performance Curves (Continued)
(Oscilloscope Plots are Taken Using the ISL9440EVAL1Z Evaluation Board, VIN = 12V Unless Otherwise Noted.)
LOAD CURRENT (A)
5.05
5.06
5.06
5.07
5.07
5.08
5.08
5.09
5.09
5.10
5.10
0.0
1.0
2.0
3.0
4.0
LOAD CURRENT (A)
60
65
70
75
80
85
90
95
100
0. 0
1.0
2. 0
3.0
4. 0
VOUT2 1V/DIV
0.2ms/DIV
VOUT1 1V/DIV
VOUT4 (LDO) 1V/DIV
VOUT3 1V/DIV
VOUT1 50mV/DIV, AC COUPLED
VOUT2 50mV/DIV, AC COUPLED
VOUT3 50mV/DIV, AC COUPLED
VOUT4 50mV/DIV, AC COUPLED
5µs/DIV
VIN, 1V/DIV, CH1
RST, 5V/DIV, CH3
PGOOD, 5V/DIV, CH4
100µs/DIV
CH4
CH1
CH3
10µs/DIV
PGOOD, 5V/DIV, CH4
CH4
CH1
CH3
VIN, 1V/DIV, CH1
RST, 5V/DIV, CH3
ISL9440, ISL9440A, ISL9441


Similar Part No. - ISL9440IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9440IRZ RENESAS-ISL9440IRZ Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL9440IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com