Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60140 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 60140
Description  60132 Circuit Breaker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60140 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  60140 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60140 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60140 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60140 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60140 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60140 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60140 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60140 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60140 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Multi 9
System Catalog
Section 2—UL and CSA Rated Protection Devices
15
03/2008
© 2002–2008 Schneider Electric All Rights Reserved
UL 489 Listed 240 Vac C60 Circuit Breakers (AC)
A selected range of Multi-9 circuit breakers rated 240 V are UL 489 Listed. Unlike UL 1077
Supplementary Protectors, these UL 489 circuit breakers can be used for branch circuit protection as
required by the National Electrical Code.
As shown in tables Table 5 and Table 6, the UL 489 Listed products are available in C and D curves.
They include devices ranging from 0.5 to 35 A.
Standard Features
Fast closing: Allows increased withstand to the high inrush currents of some loads.
Trip-free mechanism: Contacts cannot be held in the I-ON position when the C60 circuit breaker is
tripped automatically.
Positive indication of contact disconnect. Green mechanical indication on front face of circuit
breaker shows that all poles are open.
C curve: Overcurrent protection for all application types. Magnetic release operates from 7 to 10
times ampere rating (7 to 14 for DC applications).
UL 489 Listed Multi 9 C60 Circuit Breakers
Table 4:
Specifications for UL 489 240 V Listed C60N Circuit Breakers
High Voltage Withstand
6 kV
Connector: Box Lug
Rating
UL 486A File No. E216919 (Use with Copper Wire Only)
Connection
0.5–25 A: 14–4 AWG (2–25 mm2) Cables
Torque to 22 lb-in. (2.48 N•m)
30–35 A: 14–2 AWG (1–35 mm2) Cables
Torque to 31 lb-in. (3.52 N•m)
Connector: Ring Tongue
Use Single UL Listed or CSA Certified
Insulated Ring Tongue Only
Screw dia. 0.2 in. (5 mm)
Torque to 18 lb-in. (2.03 N•m)
Max Ring Terminal Width
0.54 in. (14 mm)
Mounting
35 mm DIN rail
Degree of Protection
Case
IP40 as per IEC 529
Terminals
IP20
Temperatures
Calibration
Storage
Operating
25°C (77°F)
-40 to 80°C (-40 to 176°F)
-30 to 70°C (-22 to 158°F)
Plug-On Auxiliary Modules with
Mechanical Linkage:
MN Undervoltage Trip
MX + OF Shunt Trip/Auxiliary Switch
OF Auxiliary Switch
SD Alarm Switch
Tropicalization
Treatment 2
Relative Humidity: 95% at 131°F (55°C)
Number of Operating Cycles
Electrical (O-C)
6,000 load, 4,000 no-load
See specifications Table 2 for dimensions, weights and interrupting ratings
1P
2P
3P


Similar Part No. - 60140

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6014 MICRONETICS-6014 Datasheet
41Kb / 1P
   SINGLE POLE, SINGLE THROW DROP-IN/CONNECTORIZED SWITCH MODULES
logo
List of Unclassifed Man...
6014 ETC2-6014 Datasheet
373Kb / 1P
   PLUGS AND JACKS
logo
Mallory performance clu...
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
logo
Heyco.
6014 HEYCO-6014 Datasheet
318Kb / 2P
   Heavy Duty Male Blades for Range and Dryer
logo
Christian Bürkert GmbH ...
6014 BURKERT-6014 Datasheet
1Mb / 17P
   Solenoids with Kick and Drop
16.11.2023
More results

Similar Description - 60140

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SI-60132-F BEL-SI-60132-F Datasheet
251Kb / 3P
   SI-60132-F
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com