Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19446100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 19446100
Description  EPIC Rectangular Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

19446100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  19446100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 19446100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 19446100 Datasheet HTML 3Page - List of Unclassifed Manufacturers 19446100 Datasheet HTML 4Page - List of Unclassifed Manufacturers 19446100 Datasheet HTML 5Page - List of Unclassifed Manufacturers 19446100 Datasheet HTML 6Page - List of Unclassifed Manufacturers 19446100 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
381
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
TOP ENTRY
SIDE ENTRY
HIGH PROFILE
High Profile Metric hoods do not come with a neck.
All dimensions are in mm.
STANDARD PROFILE
EPIC
® Rectangular Connectors
HA 10 Housings: Single Lever on Base
TOP & SIDE ENTRY HOODS
All dimensions are in mm.
Top Entry
Side Entry
Position of
Cable Entry
1/2”
1/2”
1/2”
3/4”
PG
NPT
Size of Entry
13
16
16
21
Metric
20
25
20
25
104460NP
104461NP
104450NP
104455NP
PG
NPT
Part Numbers
10446000
10446100
10445000
10445500
Metric
19446000
19446100
19445000
19445500
52015730
52015740
52015740
52015750
PG- Nylon
PG- Metal
Complete your installation with a SKINTOP
®, Pg 352
53015130
53015140
53015140
53015150
Metric- Nylon
53111020
53111030
53111020
53111030
Without Dust Cover
With Dust Cover
104420C0
704440C0
Description
HA 10 Panel Mt or Surface Mt Base/ Cable Coupler hoods (includes gasket)
Dust cover for HA 10 Hoods
Part #
with string
10457500
10457600
Part #
without string
10457700
10457800
Material:
Thermoplastic Resin
Temperature:
-40°C to +125°C
DUST COVERS WITH OR WITHOUT ATTACHMENT STRING
PANEL MOUNT BASES
Specifications:
Temperature Range:
DIN 43652
-40°C to +125°C
Protection class:
Material:
NEMA 4, NEMA 12, IP65
Aluminum alloy, powder coated
Top Entry Metric hoods do not come with a neck.
Metric-Metal
53112020
53112030
53112020
53112030
Top Entry
Side Entry
Position of
Cable Entry
1/2”
3/4”
1/2”
3/4”
PG
NPT
Size of Entry
16
21
16
21
Metric
20
25
20
25
704602NP
704604NP
704622NP
704624NP
PG
NPT
Part Numbers
70460200
70460400
70462200
70462400
Metric
79460200
79460400
79462200
79462400
52015740
52015750
52015740
52015750
PG- Nylon
PG- Metal
Complete your installation with a SKINTOP
®, Pg 352
53015140
53015150
53015140
53015150
Metric- Nylon
53111020
53111030
53111020
53111030
Metric-Metal
53112020
53112030
53112020
53112030


Similar Part No. - 19446100

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1944602 PHOENIX-1944602 Datasheet
116Kb / 7P
   Printed-circuit board connector - MSTBVA 2,5/ 3-G-RN
09/12/2020
1944686 PHOENIX-1944686 Datasheet
58Kb / 3P
   Base strip - MSTBVA 2,5/11-G-RN
More results

Similar Description - 19446100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
logo
List of Unclassifed Man...
FCN-363T-T011 ETC2-FCN-363T-T011 Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
   Rectangular Power Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS FCN360 Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com