Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB10803G-SH2-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB10803G-SH2-T
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB10803G-SH2-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UB10803G-SH2-T Datasheet HTML 1Page - Unisonic Technologies UB10803G-SH2-T Datasheet HTML 2Page - Unisonic Technologies UB10803G-SH2-T Datasheet HTML 3Page - Unisonic Technologies UB10803G-SH2-T Datasheet HTML 4Page - Unisonic Technologies UB10803G-SH2-T Datasheet HTML 5Page - Unisonic Technologies UB10803G-SH2-T Datasheet HTML 6Page - Unisonic Technologies UB10803G-SH2-T Datasheet HTML 7Page - Unisonic Technologies UB10803G-SH2-T Datasheet HTML 8Page - Unisonic Technologies UB10803G-SH2-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UB10803
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-A26.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VIN
-0.3 ~ +7.0
V
IREF Voltage
VIREF
-0.3 ~ +7.0
V
IMIN Voltage
VIMIN
-0.3 ~ +7.0
V
BAT Voltage
VBAT
-0.3 ~ +7.0
V
EN Voltage
VEN
-0.3 ~ +7.0
V
CHG Voltage
VCHG
-0.3 ~ +7.0
V
PPR Voltage
VPPR
-0.3 ~ +7.0
V
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse (μsec) noise exceeding the above input voltage (GND+7.0V) may cause damage to the IC.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
59
°C/W
Junction to Case
θJC
4.5
C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Voltage
VIN
4.5
6.0
V
Programmable Current
ICHG
50
500
mA
Operating Temperature
TA
-40
85
C
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIN-BAT Offset Voltage Rising Edge
VOS
VBAT=4.0V
90
150
mV
VIN-BAT Offset Voltage Falling Edge
VBAT=4.0V
10
50
Rising Power On Reset Threshold
VPOR
VBAT=3.0V
3.4
3.9
4.3
V
Falling Power On Reset Threshold
VBAT=3.0V
3.1
3.6
4.1
DC Supply Current
IDC
Charge enabled
500
1000
μA
Charge disabled
300
500
BAT Pin Sink Current
ISTBY
Charge disabled or the input
is floating
1
μA
Output Voltage
VCH
4.5V<VIN<6.5V,
Charge Current=20mA
4.15
4.20
4.25
V
Power FET “ON” Resistance
VDS(on)
VBAT=3.8V,
Charge Current=0.5A
0.6
Constant Charge Current for Adaptor Mode
ICHG
RIREF=29.4kΩ,VBAT=2.8~4.0V
120
135
150
mA
Precharge Charge Current
IPRE
RIREF=29.4kΩ,VBAT=2.4V
17
27
37
mA
End of Charge Current
IMIN
RIMIN=29.4kΩ
17
27
37
mA
EOC Rising Threshold
IRECH
RIMIN=29.4kΩ
70
100
130
mA
Precharge Threshold Voltage
VPRE
2.65
2.75
2.85
V
Precharge Voltage Hysteresis
VPREHYS
40
100
160
mV
Thermal Regulation Threshold
TFOLD
115
C
EN Pin Logic Input High
VENH
1.3
V
EN Pin Logic Input Low
VENL
0.5
EN Pin Internal pull Down Resistance
REN
100
200
300
kΩ
CHG Pin Sink Current When Low
ICHGOL
VCHG=1.0V
5
mA
CHG Pin Leakage Current When High
ICHGOH
VCHG=6.5V
1
μA
PPR Pin Sink Current When Low
IPPROL
VPPR=1.0V
5
mA
PPR Pin Leakage Current When High
IPPROH
VPPR=6.5V
1
μA


Similar Part No. - UB10803G-SH2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB10803G-SH2-R UTC-UB10803G-SH2-R Datasheet
243Kb / 10P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results

Similar Description - UB10803G-SH2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017 Datasheet
278Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017_15 Datasheet
278Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054 UTC-UB6054_15 Datasheet
247Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016 Datasheet
267Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054 UTC-UB6054 Datasheet
247Kb / 13P
   ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com