Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3844 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC3844
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3844 Datasheet(HTML) 3 Page - Unisonic Technologies

  UC3844_13 Datasheet HTML 1Page - Unisonic Technologies UC3844_13 Datasheet HTML 2Page - Unisonic Technologies UC3844_13 Datasheet HTML 3Page - Unisonic Technologies UC3844_13 Datasheet HTML 4Page - Unisonic Technologies UC3844_13 Datasheet HTML 5Page - Unisonic Technologies UC3844_13 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UC3844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-010.G
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Current Sense and Voltage feedback Inputs
VIN
-0.3 ~ +5.5
V
Total Power Supply and Zener Current
(ICC+IZ)
30
mA
Error Amp Output Sink Current
ISINK
10
mA
Output Current, Source or Sink (Note 2)
IOUT
1.0
A
Output Energy (Capacitive Load per cycle)
W
5.0
μJ
Power Dissipation
DIP-8
PD
1250
mW
SOP-8
800
Junction Temperature
TJ
+150
°C
Operation Temperature
TOPR
0 ~ 70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Maxmum package power dissipation limits must be observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-8
θJA
156
°C/W
DIP-8
100
ELECTRICAL CHARACTERISTICS
(TA=25°C, VCC=15V, RT=10k, CT=3.3nF, 0°C TA 70°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Reference Output Voltage
VREF
IOUT=1.0mA,TJ=25°C
4.9
5.0
5.1
V
Line Regulation
VOUT
VCC=12V ~ 25V
2.0
20
mV
Load Regulation
VOUT
IOUT=1.0mA ~ 20mA
3.0
25
mV
Temperature Stability
tS
0.2
mV/°C
Total Output Variation over Line,
Load, Temperature
VREF
4.82
5.18
V
Output Noise Voltage
eN
f=10Hz ~ kHz, TJ=25°C
50
μV
Long Term Stability
S
TA=125°C for 1000 Hours
5
mV
Output Short Circuit Current
ISC
-30
-85
-180
mA
OSCILLATOR SECTION
Oscillator Voltage Swing
VOSC
1.6
V
Discharge Current
IDSG
VOSC=2.0V, TJ=25°C
10.8
mA
Frequency
fOSC
TJ=25°C
47
52
57
kHz
0°C ≤ TA ≤ 70°C
46
60
Frequency Change with Voltage
fOSC/V
VCC=12V ~ 25V
0.2
1.0
%
Frequency Change with Temperature
fOSC/T
0°C ≤ TA ≤ 70°C
5.0
%
ERROR AMPLIFIER SECTION
Voltage Feedback Input
VFB
VOUT=2.5V
2.42
2.50
2.58
V
Output Voltage Swing
High
VOH
RL=15k to ground, VFB=2.3V
5.0
6.2
V
Low
VOL
RL=15k to VREF, VFB=2.7V
0.8
1.1
Output Current
Sink
ISINK
VOUT=1.1V, VFB=2.7V
2.0
12
mA
Source
ISOURCE
VOUT=5.0V, VFB=2.3V
-0.5
-1.0
Input Bias Current
II(BIAS)
VFB=2.7V
-0.1
-2.0
μA
Open Loop Voltage Gain
GVO
VOUT=2.0V ~ 4.0V
65
90
dB
Power Supply Rejection Ratio
PSRR
VCC=12V ~ 25V
60
70
dB
Unity Gain Bandwidth
GBW
TJ=25°C
0.7
1.0
MHz


Similar Part No. - UC3844_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UC3844D1 FAIRCHILD-UC3844D1 Datasheet
127Kb / 12P
   SMPS Controller
UC3844D1 FAIRCHILD-UC3844D1 Datasheet
133Kb / 12P
   SMPS Controller
logo
Unisonic Technologies
UC3844 UTC-UC3844_11 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Similar Description - UC3844_13

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com